Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS14P21 Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # MS14P21
Description  P-Channel 20-V (D-S) MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MS14P21 Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  MS14P21 Datasheet HTML 1Page - Bruckewell Technology LTD MS14P21 Datasheet HTML 2Page - Bruckewell Technology LTD MS14P21 Datasheet HTML 3Page - Bruckewell Technology LTD MS14P21 Datasheet HTML 4Page - Bruckewell Technology LTD MS14P21 Datasheet HTML 5Page - Bruckewell Technology LTD MS14P21 Datasheet HTML 6Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MS14P21
P-Channel 20-V (D-S) MOSFET
Publication Order Number: [MS14P21]
© Bruckewell Technology Corporation Rev. A -2014
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings (Tc=25°C unless otherwise specified)
Symbol
Parameter
Value
Unit
VDS
Drain-Source Voltage
-20
V
VGS
Gate-Source Voltage
±8
V
ID
Continuous Drain Current
a (T
A =25°C)
-3.7
A
Continuous Drain Current
a (T
A =70°C)
-3.0
A
IDM
Pulsed Drain Current
b
-10
A
IS
Continuous Source Current (Diode Conduction)
a
±1.4
A
PD
Power Dissipation
a (T
A =25°C)
1.56
W
Power Dissipation
a (T
A =70°C)
0.81
W
TJ/TSTG
Operating Junction and Storage Temperature
-55 to +150
°C
Thermal Resistance Ratings
Symbol
Parameter
Maximum
Units
RTHJA
Maximum Junction-to-Ambient C/W
a (t <= 5 sec)
80
°C/W
Maximum Junction-to-Ambient C/W
a (Steady-State)
125
Notes:
a.
Surface Mounted on 1” x 1” FR4 Board.
b. Pulse width limited by maximum junction temperature
Static
Symbol
Parameter
Test Conditions
Min
Typ.
Max.
Units
VGS(th)
VDS = VGS, ID=-250 μA
-0.4
V
IGSS
Gate-Body Leakage
VDS = 0 V , VGS= ±8 V
±100
nA
IDSS
Zero Gate Voltage Drain Current
VDS = -16 V , VGS = 0 V
VDS = -16 V , VGS = 0 V , TJ= 55°C
-1
-10
uA
ID(on)
On-State Drain Current
A
VDS = -5 V, VGs = -4.5 V
-5
A
IDS(on)
Drain-Source On-Resistance
A
VGS = -4.5 V, ID = -3.7 A
VGS = -2.5 V, ID = -3.1 A
VGS = -1.8 V, ID = -2.6 A
79
110
160
m
Ω
gfs
Forward Tranconductance
A
VDS = -5 V, ID = -1.25 A
9
S
VSD
Diode Forward Voltage
IS = -0.46 V, VGS = 0 V
-0.65
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com