Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT6116LA55TDB Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT6116LA55TDB
Description  CMOS STATIC RAM 16K (2K x 8 BIT)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT6116LA55TDB Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT6116LA55TDB Datasheet HTML 3Page - Integrated Device Technology IDT6116LA55TDB Datasheet HTML 4Page - Integrated Device Technology IDT6116LA55TDB Datasheet HTML 5Page - Integrated Device Technology IDT6116LA55TDB Datasheet HTML 6Page - Integrated Device Technology IDT6116LA55TDB Datasheet HTML 7Page - Integrated Device Technology IDT6116LA55TDB Datasheet HTML 8Page - Integrated Device Technology IDT6116LA55TDB Datasheet HTML 9Page - Integrated Device Technology IDT6116LA55TDB Datasheet HTML 10Page - Integrated Device Technology IDT6116LA55TDB Datasheet HTML 11Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
6.42
IDT6116SA/LA
CMOS Static RAM 2K (16K x 8-Bit)
Military, Commercial, and In dustrial Temperature Ranges
11
Datasheet Document History
1/7/00
Updated to new format
Pg. 1, 3, 4, 10
Added Industrial Temperature range offerings
Pg. 9, 10
Separated ordering information into military, commercial, and industrial temperature range offerings
Pg. 11
Added Datasheet Document History
08/09/00
Not recommended for new designs
02/01/01
Removed "Not recommended for new designs"
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
2975 Stender Way
800-345-7015 or 408-727-6116
sramhelp@idt.com
Santa Clara, CA 95054
fax:408-492-8674
800 544-7726, x4033
www.idt.com
The IDT logo is a registered trademark of Integrated Device Technology, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com