Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2120 Datasheet(PDF) 2 Page - Analog Devices

Part # SSM2120
Description  DYNAMIC RANGE PROCESSOR DUAL VCA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2120 Datasheet(HTML) 2 Page - Analog Devices

  SSM2120 Datasheet HTML 1Page - Analog Devices SSM2120 Datasheet HTML 2Page - Analog Devices SSM2120 Datasheet HTML 3Page - Analog Devices SSM2120 Datasheet HTML 4Page - Analog Devices SSM2120 Datasheet HTML 5Page - Analog Devices SSM2120 Datasheet HTML 6Page - Analog Devices SSM2120 Datasheet HTML 7Page - Analog Devices SSM2120 Datasheet HTML 8Page - Analog Devices SSM2120 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
5/90, Rev. B1
SSM-2120/SSM-2122 DYNAMIC RANGE PROCESSOR/DUAL VCA
PACKAGE TYPE
Θ
jA
(Note 1)
Θ
jC
UNITS
16-Pin Plastic DIP (P)
86
10
°C/W
22-Pin Plastic DIP (P)
70
7
°C/W
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY
Supply Voltage Range
±5–
±18
V
Positive Supply Current
–8
10
mA
Negative Supply Current
–68
mA
VCAs
Max I
SIGNAL
(In/Out)
±387
±400
±413
µA
Output Offset
–
±1
±2
µA
Control Feedthrough (Trimmed)
R
IN
= R
OUT
= 36k
Ω, A
V ≤
0dB
≤ –30dB
–
750
–
µV
Gain Control Range
Unity-Gain
–100
–
+40
dB
Control Sensitivity
–
6
–
mV/dB
Gain Scale Factor Drift
–
–3300
–
ppm/
°C
Frequency Response
Unity-Gain or Less
–
250
–
kHz
Off Isolation
At 1kHz
–
100
–
dB
Current Gain
+V
C
= –V
C
= 0V
–0.25
0
+0.25
dB
THD (Unity-Gain)
+10dBV IN/OUT
–
0.005
0.02
%
Noise (20kHz Bandwidth)
RE: 0dBV
–
–80
–
dB
LEVEL DETECTORS (SSM-2120 ONLY)
Dynamic Range
100
110
–
dB
Input Current Range
0.03
–
3000
µA
p-p
Rectifier Input Bias Current
–4
16
nA
Output Sensitivity (At LOG AV Pin)
–
3
–
mV/dB
Output Offset Voltage
–
±0.5
±2mV
Frequency Response
I
IN
= 1mA
p-p
–
1000
–
I
IN
= 10
µA
p-p
–
50
–
kHz
I
IN
= 1
µA
p-p
–
7.5
–
CONTROL AMPLIFIERS (SSM-2120 ONLY)
Input Bias Current
–
85
175
nA
Output Drive (Max Sink Current)
5.0
7.5
–
mA
Input Offset Voltage
–
±0.5
±2mV
ABSOLUTE MAXIMUM RATINGS
Supply Voltage ................................................................
±18V
Operating Temperature Range ......................... –10
° to +55°C
Junction Temperature ................................................. +150
°C
Storage Temperature ...................................... –65
° to +150°C
Maximum Current into Any Pin ....................................... 10mA
Lead Temperature Range (Soldering, 60 sec) .............. 300
°C
SSM-2120/SSM-2122
ELECTRICAL CHARACTERISTICS at V
S
=
±15V, T
A
= +25
°C, I
REF
= 200
µA, A
V
= 1, unless otherwise noted.
NOTE:
1. Specifications are subject to change; consult latest data sheet.
NOTE:
1.
Θ
jA
is specified for worst case mounting conditions, i.e.,
Θ
jA
is specified for device
in socket for P-DIP.
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com