Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2122 Datasheet(PDF) 3 Page - Analog Devices

Part # SSM2122
Description  DYNAMIC RANGE PROCESSOR/DUAL VCA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2122 Datasheet(HTML) 3 Page - Analog Devices

  SSM2122 Datasheet HTML 1Page - Analog Devices SSM2122 Datasheet HTML 2Page - Analog Devices SSM2122 Datasheet HTML 3Page - Analog Devices SSM2122 Datasheet HTML 4Page - Analog Devices SSM2122 Datasheet HTML 5Page - Analog Devices SSM2122 Datasheet HTML 6Page - Analog Devices SSM2122 Datasheet HTML 7Page - Analog Devices SSM2122 Datasheet HTML 8Page - Analog Devices SSM2122 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
5/90, Rev. B1
SSM-2120/SSM-2122 DYNAMIC RANGE PROCESSOR/DUAL VCA
VOLTAGE-CONTROLLED AMPLIFIERS
The two voltage-controlled amplifiers are full Class A current in/
current out devices with complementary dB/V gain control ports.
The control sensitivities are +6mV/dB and –6mV/dB. A resistor
divider (attenuator) is used to adapt the sensitivity of an external
control voltage to the range of the control port. It is best to use
200
Ω or less for the attenuator resistor to ground.
VCA INPUTS
The signal inputs behave as virtual grounds. The input current
compliance range is determined by the current into the reference
current pin.
REFERENCE PIN
The reference current determines the input and output current
compliance range of the VCAs. The current into the reference
pin is set by connecting a resistor to V+. The voltage at the refer-
ence pin is about two volts above V– and the current will be
The current consumption of the VCAs will be directly proportional
to I
REF
which is nominally 200
µA. The device will operate at lower
current levels which will reduce the effective dynamic range of
the VCAs. With a 200
µA reference current, the input and output
clip points will be
±400µA. In general:
VCA OUTPUTS
The VCA outputs are designed to interface directly with the vir-
tual ground inputs of external operational amplifiers configured
as current-to-voltage converters. The outputs must operate at
virtual ground because of the output stage’s finite output imped-
ance. The power supplies and selected compliance range de-
termines the values of input and output resistors needed. As an
example, with
±15V supplies and ±400µA maximum input and
output current, choose R
IN
= R
OUT
= 36k
Ω for an output compli-
ance range of
±14.4 V. Note that the signal path through the
VCA including the output current-to-voltage converter is nonin-
verting.
I
CLIP
=
±2I
REF
BLOCK DIAGRAM (SSM-2120)
+
+VC1
OUTPUT 1
–VC1
INPUT 1
CFT 1
–
RECIN 1
2V
+
FULL
WAVE
RECTIFIER
|IIN|
V+
LOG AV 1
+
–
THRESH 1
CONOUT 1
V–
+
+VC2
OUTPUT 2
–VC2
INPUT 2
CFT 2
–
RECIN 2
2V
+
FULL
WAVE
RECTIFIER
|IIN|
V+
LOG AV 2
+
–
THRESH 2
CONOUT 2
V–
SSM-2122
I
REF
=
V+ –
V– +2V
RREF
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com