Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT6167LA55P Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT6167LA55P
Description  CMOS STATIC RAM 16K (16K x 1-BIT)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT6167LA55P Datasheet(HTML) 8 Page - Integrated Device Technology

  IDT6167LA55P Datasheet HTML 1Page - Integrated Device Technology IDT6167LA55P Datasheet HTML 2Page - Integrated Device Technology IDT6167LA55P Datasheet HTML 3Page - Integrated Device Technology IDT6167LA55P Datasheet HTML 4Page - Integrated Device Technology IDT6167LA55P Datasheet HTML 5Page - Integrated Device Technology IDT6167LA55P Datasheet HTML 6Page - Integrated Device Technology IDT6167LA55P Datasheet HTML 7Page - Integrated Device Technology IDT6167LA55P Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
5.2
8
IDT6167SA/LA
CMOS STATIC RAM 16K (16K x 1-BIT)
MILITARY AND COMMERCIAL TEMPERATURE RANGES
ORDERING INFORMATION
XX
Power
XXX
Speed
XX
Package
X
Process/
Temperature
Range
Blank
Commercial (0
°C to +70°C)
B
Military (–55
°C to +125°C)
Compliant to MIL-STD-883, Class B
P
D
Y
300MIL Plastic DIP (P20–1)
300MIL CERDIP (D20–1)
300MIL SOJ (SO20–1)
15
20
25
35
45
55
70
85
100
Military Only
Military Only
Military Only
Military Only
Military Only
SA
LA
Standard Power
Low Power
Device
Type
IDT
2981 drw 10
6167
Speed in nanoseconds



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com