Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT6167LA55D Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT6167LA55D
Description  CMOS STATIC RAM 16K (16K x 1-BIT)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT6167LA55D Datasheet(HTML) 6 Page - Integrated Device Technology

  IDT6167LA55D Datasheet HTML 1Page - Integrated Device Technology IDT6167LA55D Datasheet HTML 2Page - Integrated Device Technology IDT6167LA55D Datasheet HTML 3Page - Integrated Device Technology IDT6167LA55D Datasheet HTML 4Page - Integrated Device Technology IDT6167LA55D Datasheet HTML 5Page - Integrated Device Technology IDT6167LA55D Datasheet HTML 6Page - Integrated Device Technology IDT6167LA55D Datasheet HTML 7Page - Integrated Device Technology IDT6167LA55D Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
5.2
6
IDT6167SA/LA
CMOS STATIC RAM 16K (16K x 1-BIT)
MILITARY AND COMMERCIAL TEMPERATURE RANGES
TIMING WAVEFORM OF READ CYCLE NO. 1
(1, 2)
NOTES:
1.
WE is HIGH for Read cycle.
2. Device is continuously selected,
CS is LOW.
3. Address valid prior to or coincedent with
CS transition LOW.
4. Transition is measured
±200mV from steady state.
TIMING WAVEFORM OF READ CYCLE NO. 2
(1, 3)
2981 drw 06
ADDRESS
DATAOUT
tRC
tAA
tOH
PREVIOUS DATAOUT VALID
DATAOUT VALID
2981 drw 07
DATAOUT
CS
tACS
(4)
tCLZ
(4)
tCHZ
tPD
tPU
ICC
ISB
VCC SUPPLY
CURRENT
tRC
HIGH
IMPEDANCE
DATAOUT VALID
HIGH IMPEDANCE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com