Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG466 Datasheet(PDF) 2 Page - Analog Devices

Part # ADG466
Description  Triple and Octal Channel Protectors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG466 Datasheet(HTML) 2 Page - Analog Devices

  ADG466 Datasheet HTML 1Page - Analog Devices ADG466 Datasheet HTML 2Page - Analog Devices ADG466 Datasheet HTML 3Page - Analog Devices ADG466 Datasheet HTML 4Page - Analog Devices ADG466 Datasheet HTML 5Page - Analog Devices ADG466 Datasheet HTML 6Page - Analog Devices ADG466 Datasheet HTML 7Page - Analog Devices ADG466 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
–2–
REV. 0
ADG466/ADG467–SPECIFICATIONS
Dual Supply
1
ADG466
ADG467
Parameter
+25 CB
1
+25 CB
1
Units
Test Conditions/Comments
FAULT PROTECTED CHANNEL
Fault-Free Analog Signal Range
2
VSS + 1.2
VSS + 1.2
V min
Output Open Circuit
VDD – 0.8
VDD – 0.8
V max
RON
60
75
62
80
Ω typ
–10 V
≤ V
S ≤ +10 V, IS = 1 mA
80
95
Ω max
∆R
ON
34
6
Ω max
–5 V
≤ V
S
≤ +5 V
RON Match
4
6
5
6
Ω max
VS = ± 10 V, IS = 1 mA
LEAKAGE CURRENTS
Channel Output Leakage, IS(ON)
VS = VD = ± 10 V
(without Fault Condition)
±0.1
±1
±0.04
±0.2
nA typ
±1
±5
±1
±5
nA max
Channel Input Leakage, ID(ON)
VS = ± 25 V
(with Fault Condition)
±0.2
±0.4
±0.2
±0.4
nA typ
VD = Open Circuit
±2
±5
±2
±5
nA max
Channel Input Leakage, ID(OFF)
VDD = 0 V, VSS = 0 V
(with Power Off and Fault)
±0.5
±2
±0.5
±2
nA typ
VS =
±35 V,
±1
±5
±2
±10
nA max
VD = Open Circuit
Channel Input Leakage, ID(OFF)
VDD = 0 V, VSS = 0 V
(with Power Off and Output S/C)
±0.005 ±0.1
±0.006 ±0.16
µA typ
VS =
±35 V, V
D = 0 V
±0.015 ±0.5
±0.015 ±0.5
µA max
POWER REQUIREMENTS
IDD
±0.05
±0.05
µA typ
±0.5
±8
±0.5
±8
µA max
ISS
±0.05
±0.05
µA typ
±0.5
±8
±0.5
±8
µA max
VDD/VSS
0
0
0
0
V min
±20
±20
±20
±20
V max
NOTES
1Temperature range is as follows: B Version: –40
°C to +85°C.
2Guaranteed by design, not subject to production test.
Specifications subject to change without notice.
(V
DD = +15 V, VSS = –15 V, GND = 0 V, unless otherwise noted)
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com