Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM223 Datasheet(PDF) 11 Page - Analog Devices

Part # ADM223
Description  5 V Powered CMOS RS-232 Drivers/Receivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM223 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADM223_15 Datasheet HTML 7Page - Analog Devices ADM223_15 Datasheet HTML 8Page - Analog Devices ADM223_15 Datasheet HTML 9Page - Analog Devices ADM223_15 Datasheet HTML 10Page - Analog Devices ADM223_15 Datasheet HTML 11Page - Analog Devices ADM223_15 Datasheet HTML 12Page - Analog Devices ADM223_15 Datasheet HTML 13Page - Analog Devices ADM223_15 Datasheet HTML 14Page - Analog Devices ADM223_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADM223/ADM230L–ADM241L
–11–
REV. B
VCC – V
–9
4.0
4.5
5.0
5.5
6.0
–7
–5
–3
–1
1
3
5
7
9
Tx O/P HI LOADED
Tx O/P LO LOADED
Figure 27. Transmitter Output Voltage vs. VCC
LOAD CURRENT – mA
–15
510
V+
15
V–
20
0
–10
–5
0
5
10
15
Figure 25. Charge Pump V+, V– vs. Current
LOAD CURRENT – mA
–15
02
Tx O/P HI
46
8
–10
–5
0
5
10
15
Tx O/P LO
10
Figure 28. Transmitter Output Voltage vs. Current
LOAD CAPACITANCE – pF
0
0
500
5
NEGATIVE
SLEW
50
1000
10
15
20
25
30
35
40
45
POSITIVE
SLEW
1500
2000
2500
3000
Figure 26. Transmitter Slew Rate vs. Load Capacitance
VCC – V
0
4.5
4.7
200
100
50
V+ IMP
V– IMP
150
250
300
350
4.9
5.1
5.3
5.5
Figure 29. Charge Pump Impedance vs. VCC
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com