Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT14 Datasheet(PDF) 13 Page - Analog Devices

Part # ADT14
Description  Quad Setpoint, Programmable Temperature Monitor and Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT14 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADT14 Datasheet HTML 8Page - Analog Devices ADT14 Datasheet HTML 9Page - Analog Devices ADT14 Datasheet HTML 10Page - Analog Devices ADT14 Datasheet HTML 11Page - Analog Devices ADT14 Datasheet HTML 12Page - Analog Devices ADT14 Datasheet HTML 13Page - Analog Devices ADT14 Datasheet HTML 14Page - Analog Devices ADT14 Datasheet HTML 15Page - Analog Devices ADT14 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADT14
–13–
REV. 0
Out-of-Range Warning
In Figure 25, connecting an open-collector output of the
ADT14 and an inverted open-collector output together into a
wired-OR configuration, a temperature “out-of-range” warning
signal is generated. This can be useful in sensitive equipment
calibrated to work over a limited temperature range.
TEMP
SENSOR
& VOLTAGE
REFERENCE
HYSTERESIS
GENERATOR
13
14
15
9
10
11
12
16
6
7
8
1
2
3
4
5
NC
NC
VREF
47k
Ω
200
Ω
LED
V+
NC
NC = NO CONNECT
ADT14
2N1711
Figure 25. Out-of-Range Warning
Translating 5 mV/K to 10 mV/ C
A useful circuit is shown in Figure 26 that translates the
VPTAT output voltage, which is calibrated in Kelvins, into an
output that can be read directly in degrees Celsius on a voltme-
ter display. To accomplish this, an external amplifier is config-
ured as a differential amplifier. The resistors are scaled so the
VREF voltage will exactly cancel the VPTAT voltage at 0.0
°C.
6
7
2
3
4
OP177
+15V
105k
Ω
4.22k
Ω
10pF
–15V
100k
Ω
100k
Ω
4.12k
Ω 487Ω
VOUT (10mV/°C)
(VOUT = 0.0V
@ T = 0.0
°C)
ADT14
VREF
VPTAT
14
6
Figure 26. Translating 5 mV/K to 10 mV/ C
However, the gain from VPTAT to the output is two, so that
5 mV/K becomes 10 mV/
°C. Thus, for a temperature of +80°C,
the output voltage is 800 mV. Circuit errors will be due prima-
rily to the inaccuracies of the resistor values. Using 1% resistors
the observed error was less than 10 mV, or 1
°C. The 10 pF
feedback capacitor helps to cancel the effects of stray capaci-
tance that could cause oscillations. For improved accuracy, an
adjustment potentiometer can be added in series with either
100 k
Ω resistor.
Translating VPTAT to the Fahrenheit Scale
A similar circuit to the one shown in Figure 26 can be used to
translate VPTAT into an output that can be read directly in
degrees Fahrenheit, with a scaling of 10 mV/
°F. Only unity gain
or less is available from the first stage differentiating circuit, so
the second amplifier provides a gain of two to complete the
conversion to the Fahrenheit scale. Using the circuit in Figure
27, a temperature of 0.0
°F gives an output of 0.00 V. At room
temperature (77
°F) the output voltage is 770 mV. A –40°C to
+85
°C operating range translates into –40°F to +85°F. The
errors are essentially the same as for the circuit in Figure 26.
6
7
2
3
4
1/2 OP297
+15V
90.9k
Ω
1k
Ω
10pF
–15V
100k
Ω
100k
Ω
6.49k
Ω 121Ω
ADT14
VREF
VPTAT
14
6
7
6
5
1/2 OP297
100k
Ω
100k
Ω
Figure 27. Translating 5 mV/K to 10 mV/ F
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com