Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS23P25 Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # MS23P25
Description  P-Channel 20-V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MS23P25 Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  MS23P25 Datasheet HTML 1Page - Bruckewell Technology LTD MS23P25 Datasheet HTML 2Page - Bruckewell Technology LTD MS23P25 Datasheet HTML 3Page - Bruckewell Technology LTD MS23P25 Datasheet HTML 4Page - Bruckewell Technology LTD MS23P25 Datasheet HTML 5Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MS23P25
P-Channel 20-V (D-S) MOSFET
Publication Order Number: [MS23P25]
© Bruckewell Technology Corporation Rev. A -2014
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings (Tc=25°C unless otherwise specified)
Symbol
Parameter
Value
Unit
VDS
Drain-Source Voltage
-20
V
VGS
Gate-Source Voltage
±12
V
ID
Continuous Drain Current @ TC=25°C
-3.6
A
IDM
Pulsed Drain Current
-10
A
IS
Continuous Source Current (Diode Conduction)
0.46
A
PD
Power Dissipation (TC =25°C)
1.25
W
TJ/TSTG
Operating Junction and Storage Temperature
-55 to +150
°C
NOTE: Repetitive rating; pulse width limited by maximum junction temperature.
Thermal characteristics (Tc=25°C unless otherwise noted)
Symbol
Parameter
Value
Units
RθJA
Maximum Junction-to-Ambient
100
°C/W
RθJC
Maximum Junction-to-Case
106
Static
Symbol
Parameter
Test Conditions
Min
Typ.
Max.
Units
VGS(th)
Gate-Threshold Voltage
VDS = VGS, ID = -250μA
-0.7
V
IGSS
Gate-Body Leakage
VDS =0 V , VGS = ±8 V
±100
nA
IDSS
Zero Gate Voltage Drain Current
VDS = 16 V , VGS = 0 V
VDS = -16 V , VGS = 0 V , TJ= 55°C
-1
-10
uA
ID(on)
On-State Drain Current
A
VDS = -5 V, VGS = -4.5 V
-10
A
r
DS(on)
Drain-Source On-Resistance
A
VDS = -4.5 V, ID = -3.6 A
VDS = -2.5 V, ID = -2.8 A
VDS = -1.8 V, ID = -1.8 A
55
89
200
m
Ω
gfs
Forward Tranconductance
A
VGS = -5 V, ID = -3.6 A
12
S
VSD
Diode Forward Voltage
IS = -0.46 V, VGS = 0 V
-0.60
V
Dynamic
b
Symbol
Parameter
Test Conditions
Min
Typ.
Max.
Units
Qg
Total Gate Charge
VDS = -5 V , ID = -3.6 A,
VGS = -4.5 V
16.7
nC
Qgs
Gate-Source Charge
1.8
nC
Qgd
Gate-Drain Charge
1.9
nC
td(on)
Turn-On Delay Time
VDD = -10 V , RG = 6 Ω,
VGEN = 4.5 V , IL = -1 A
9
ns
tr
Rise Time
4
ns
td(off)
Turn-Off Delay Time
25
ns
tf
Fall Time
20
ns



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com