Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS48P41 Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # MS48P41
Description  P-Channel 40-V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MS48P41 Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  MS48P41 Datasheet HTML 1Page - Bruckewell Technology LTD MS48P41 Datasheet HTML 2Page - Bruckewell Technology LTD MS48P41 Datasheet HTML 3Page - Bruckewell Technology LTD MS48P41 Datasheet HTML 4Page - Bruckewell Technology LTD MS48P41 Datasheet HTML 5Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MS48P41
P-Channel 40-V (D-S) MOSFET
Publication Order Number: [MS48P41]
© Bruckewell Technology Corporation Rev. A -2014
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings (Tc=25°C unless otherwise specified)
Symbol
Parameter
Value
Unit
VDS
Drain-Source Voltage
-40
V
VGS
Gate-Source Voltage
±20
V
ID
Continuous Drain Current @ TC=25°C
-9.0
A
IDM
Pulsed Drain Current
±50
A
IS
Continuous Source Current (Diode Conduction)
-7.3
A
TJ/TSTG
Operating Junction and Storage Temperature
-55 to +150
°C
PW
Power Dissipation@ TC=25°C
50
W
NOTE:
1. Repetitive rating; pulse width limited by maximum junction temperature.
Thermal characteristics (Tc=25°C unless otherwise noted)
Symbol
Parameter
Maximum
Units
RθJA
Maximum Junction-to-Ambient
50
°C/W
RθJC
Maximum Junction-to-Case
92
Static Characteristics
Symbol
Test Conditions
Min
Typ.
Max.
Units
VGS
VDS = VGS, ID = -250μA
-1.0
V
IGSS
VDS = 0 V , VGS = ±20 V
±100
nA
IDSS
VDS = -24 V , VGS = 0 V
VDS = -24 V , VGS = 0 V , TJ= 55°C
-1
-5
uA
ID(on)
VDS = 5 V, VGS= 10 V
-50
A
RDS(on)
VDS = 10 V, ID = -9 A
VDS = -4.5 V, ID = -7.2 A
35
45
m
Ω
gfs
VGS = -15 V, ID = -9 A
31
S
VSD
IS = -2.1 A, VGS = 0 V
-0.7
V
Dynamic Characteristics
Symbol
Test Conditions
Min
Typ.
Max.
Units
Qg
VDS = -15 V , ID= -4.5 A,
VGS = -9 V
--
15.3
--
nC
Qgs
--
5.2
--
nC
Qgd
--
5.8
--
nC
td(on)
VDG = -15 V , ID = -1 A,
VGEN = -10 V , RL = 15 Ω
RG = 6 Ω
--
15
--
ns
tr
--
12
--
ns
td(off)
--
62
--
ns
tf
--
46
--
ns



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com