Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT6167LA55Y Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT6167LA55Y
Description  CMOS STATIC RAM 16K (16K x 1-BIT)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT6167LA55Y Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT6167LA55Y Datasheet HTML 1Page - Integrated Device Technology IDT6167LA55Y Datasheet HTML 2Page - Integrated Device Technology IDT6167LA55Y Datasheet HTML 3Page - Integrated Device Technology IDT6167LA55Y Datasheet HTML 4Page - Integrated Device Technology IDT6167LA55Y Datasheet HTML 5Page - Integrated Device Technology IDT6167LA55Y Datasheet HTML 6Page - Integrated Device Technology IDT6167LA55Y Datasheet HTML 7Page - Integrated Device Technology IDT6167LA55Y Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
5.2
3
IDT6167SA/LA
CMOS STATIC RAM 16K (16K x 1-BIT)
MILITARY AND COMMERCIAL TEMPERATURE RANGES
DC ELECTRICAL CHARACTERISTICS
(1)
(VCC = 5.0V
± 10%, VLC = 0.2V, VHC = VCC – 0.2V)
6167SA/LA15
6167SA/LA20
6167SA/LA25
Symbol
Parameter
Power Com’l.
Mil.
Com’l.
Mil.
Com’l.
Mil.
Unit
ICC1
Operating Power Supply Current
SA
90
90
90
90
90
90
mA
CS ≤ VIL, Outputs Open,
VCC = Max., f = 0
(3)
LA
55
60
55
60
55
60
ICC2
Dynamic Operating Current
SA
120
130
100
110
100
100
mA
CS ≤ VIL, Outputs Open,
VCC = Max., f = fMAX
(3)
LA
100
110
80
85
70
75
ISB
Standby Power Supply Current
SA
50
50
35
35
35
35
mA
(TTL Level)
CS ≥ VIH, Outputs Open,
LA
35
35
30
30
25
25
VCC = Max., f = fMAX
(3)
ISB1
Full Standby Power Supply Current
SA
5
10
5
10
5
10
mA
(CMOS Level)
CS ≥ VHC, VCC = Max.
LA
0.9
2
0.05
2
0.05
0.9
VIN
≥ VHC or VIN ≤ VLC, f = 0(3)
DC ELECTRICAL CHARACTERISTICS
(1) (CONTINUED)
(VCC = 5.0V
± 10%, VLC = 0.2V, VHC = VCC – 0.2V)
6167SA/LA35 6167SA/LA45
(2) 6167SA/LA55(2) 6167SA/LA70(2)
Symbol
Parameter
Power
Com’l.
Mil.
Com’l.
Mil.
Com’l.
Mil.
Com’l.
Mil.
Unit
ICC1
Operating Power Supply Current
SA
90
90
—
90
—
90
—
90
mA
CS ≤ VIL, Outputs Open,
VCC = Max., f = 0
(3)
LA
55
60
—
60
—
60
—
60
ICC2
Dynamic Operating Current
SA
100
100
—
100
—
100
—
100
mA
CS ≤ VIL, Outputs Open,
VCC = Max., f = fMAX
(3)
LA
65
70
—
65
—
60
—
60
ISB
Standby Power Supply Current
SA
35
35
—
35
—
35
—
35
mA
(TTL Level)
CS ≥ VIH, Outputs Open,
LA
20
20
—
20
—
20
—
15
VCC = Max., f = fMAX
(3)
ISB1
Full Standby Power Supply Current
SA
5
10
—
10
—
10
—
10
mA
(CMOS Level)
CS ≥ VHC, VCC = Max.
LA
0.05
0.9
—
0.9
—
0.9
—
0.9
VIN
≥ VHC or VIN ≤ VLC, f = 0(3)
NOTES:
2981 tbl 07
1. All values are maximum guaranteed values.
2. –55
°C to +125°C temperature range only. Also available; 85ns and 100ns Military devices.
3. fMAX = 1/tRC, only address inputs cycling at fMAX. f = 0 means no Address inputs change.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com