Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2163 Datasheet(PDF) 13 Page - Analog Devices

Part # SSM2163
Description  Digitally Controlled 8 3 2 Audio Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2163 Datasheet(HTML) 13 Page - Analog Devices

Back Button SSM2163 Datasheet HTML 8Page - Analog Devices SSM2163 Datasheet HTML 9Page - Analog Devices SSM2163 Datasheet HTML 10Page - Analog Devices SSM2163 Datasheet HTML 11Page - Analog Devices SSM2163 Datasheet HTML 12Page - Analog Devices SSM2163 Datasheet HTML 13Page - Analog Devices SSM2163 Datasheet HTML 14Page - Analog Devices SSM2163 Datasheet HTML 15Page - Analog Devices SSM2163 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
SSM2163
REV. 0
–13–
The circuit of Figure 26 illustrates dc coupling of the inputs.
DC coupling is practical with dual supplies and ground-
referenced inputs, because the dc offsets associated with single-
supply operation are reduced. However, ac coupling could also
be used, and employing both ac- and dc-coupled signals in one
mixer is also possible. In addition, this circuit illustrates the
connections for
±5 V power supplies. Note that the negative
supply, as well as the positive supply, should be bypassed to
ground.
Implementing a Software-Controlled Pan-Pot
Pan and fade effects are important attributes of modern multi-
media presentations and similar applications. One way to
achieve these effects is to apply the input signal to two input
channels of the SSM2163, as shown in Figure 27. Since any
input channel can be mixed into either or both outputs,
sophisticated pan and fade effects are easily accomplished in
software. For example, Input 1 can be connected to the left
channel with 0 dB attenuation, while Input 2 is applied to the
right channel with –10 dB of attenuation. This configuration
will produce the effect of having the audio source “located” to
the left of center line of the speakers. Another possible option
would be to attenuate the left channel while boosting the right,
which would produce an effect of movement of the audio source.
Since any input can be connected to either output, very flexible
and sophisticated effects can be produced without hardware
changes.
VOUTL
VOUTR
VIN2
VIN1
VIN
SSM2163
TO INPUTS
VIN3 – VIN8
Σ
Σ
Figure 27. Connecting the SSM2163 for Pan-Pot
Operation
Driving Headphones
A high speed, high output current amplifier, such as the OP279,
can be added to drive headphones directly. A typical connection
is shown in Figure 28. Single +5 V operation is maintained,
since the OP279 offers rail-to-rail inputs and outputs. The
OP279’s high current output stage can drive a 48
Ω load to
4 V p-p while maintaining less than 1% THD.
Mixing Additional Channels
Some mixing applications require more than four inputs for
each stereo channel. To meet the requirements of these systems,
two or more SSM2163s can be paralleled to provide additional
channels. A typical circuit is shown in Figure 26, which combines
two SSM2163s to form a 16-input, 2-output mixer. An SSM2135
dual audio op amp sums the outputs of each of the SSM2163s.
With this system, any of the 16 inputs can be mixed into either
or both of the output channels.
5
22
7
20
9
18
11
16
27
26
25
24
28
14
15
3
NC
4
10
+5V
+
10µF
0.1µF
VDD VCC
VOUTL
VOUTR
DATA OUT
SHIELD
SHIELD
SHIELD
SHIELD
SHIELD
AGND
ACOM
DGND
VSS
VEE
212
1
6
8
19
21
23
17
13
10µF
0.1µF
+
VIN2
VIN3
VIN4
VIN5
VIN6
VIN7
VIN8
DATA IN
CLK
WRITE
LD
SYSMUTE
SSM2163
DATA IN
CLOCK
CHIP SELECT
SYSTEM MUTE
5
22
7
20
9
18
11
16
27
26
25
24
28
14
15
3
NC
4
10
+5V
+
10µF
0.1µF
VDD VCC
VOUTL
VOUTR
DATA OUT
SHIELD
SHIELD
SHIELD
SHIELD
SHIELD
AGND
ACOM
DGND
VSS
VEE
2
12
1
6
8
19
21
23
17
13
DATA IN
CLK
WRITE
LD
SYSMUTE
SSM2163
VIN1
VIN2
VIN3
VIN4
VIN5
VIN6
VIN7
VIN8
–5V
#1
#2
VIN1
VIN2
VIN3
VIN4
VIN5
VIN6
VIN7
VIN8
10µF
0.1µF
+
–5V
NC
20k
+5V
0.1µF
0.1µF
–5V
20k
20k
1/2 SSM2135
VOUTL
20k
1/2 SSM2135
VOUTR
20k
20k
VIN1
VIN1
VIN2
VIN3
VIN4
VIN5
VIN6
VIN7
VIN8
Figure 26. A 16-Input, 2-Output Mixer
This circuit utilizes the DATA OUT feature of the SSM2163 to
transfer data from the first SSM2163 to the second. In the
daisy-chain mode, the DATA OUT pin of the first SSM2163 is
connected to the DATA IN pin of the second device. The
advantage of this “daisy chain” connection is that it allows a
3-wire serial interface, as was used in the previous 8-input
mixer, to control two or more SSM2163s.
The serial data format for the daisy chain circuit is similar to the
8-channel application, except that the SSM2163s are loaded in
tandem. After setting WRITE and LOAD low, two bytes (16 bits)
are clocked into the first SSM2163. When WRITE and
LOAD return high, data will be latched into both SSM2163s
simultaneously.
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com