Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT71342LA55J Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT71342LA55J
Description  HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM WITH SEMAPHORE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71342LA55J Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT71342LA55J Datasheet HTML 3Page - Integrated Device Technology IDT71342LA55J Datasheet HTML 4Page - Integrated Device Technology IDT71342LA55J Datasheet HTML 5Page - Integrated Device Technology IDT71342LA55J Datasheet HTML 6Page - Integrated Device Technology IDT71342LA55J Datasheet HTML 7Page - Integrated Device Technology IDT71342LA55J Datasheet HTML 8Page - Integrated Device Technology IDT71342LA55J Datasheet HTML 9Page - Integrated Device Technology IDT71342LA55J Datasheet HTML 10Page - Integrated Device Technology IDT71342LA55J Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
6.05
7
IDT71342SA/LA
HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM WITH SEMAPHORE
COMMERCIAL TEMPERATURE RANGE
AC ELECTRICAL CHARACTERISTICS OVER THE
OPERATING TEMPERATURE AND SUPPLY VOLTAGE(5)
71342X20
71342X25
71342X35
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
WRITE CYCLE
tWC
Write Cycle Time
20
—
25
—
35
—
ns
tEW
Chip Enable to End-of-Write
(3)
15
—
20
—
30
—
ns
tAW
Address Valid to End-of-Write
15
—
20
—
30
—
ns
tAS
Address Set-up Time
0
—
0
—
0
—
ns
tWP
Write Pulse Width
15
—
20
—
25
—
ns
tWR
Write Recovery Time
0
—
0
—
0
—
ns
tDW
Data Valid to End-of-Write
15
—
15
—
20
—
ns
tHZ
Output High-Z Time
(1, 2)
—15
—
15
—
20
ns
tDH
Data Hold Time
(4)
0—
0
—
3
—
ns
tWZ
Write Enabled to Output in High-Z
(1, 2)
—15
—
15
—
20
ns
tOW
Output Active from End-of-Write
(1, 2, 4)
3—
3
—
3
—
ns
tSWR
SEM Flag Write to Read Time
10
—
10
—
10
—
ns
tSPS
SEM Flag Contention Window
10
—
10
—
10
—
ns
2721 tbl 11
AC ELECTRICAL CHARACTERISTICS OVER THE
OPERATING TEMPERATURE AND SUPPLY VOLTAGE(5)(CONT'D)
71342X45
71342X55
71342X70
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
WRITE CYCLE
tWC
Write Cycle Time
45
—
55
—
70
—
ns
tEW
Chip Enable to End-of-Write
(3)
40
—
50
—
60
—
ns
tAW
Address Valid to End-of-Write
40
—
50
—
60
—
ns
tAS
Address Set-up Time
0
—
0
—
0
—
ns
tWP
Write Pulse Width
40
—
50
—
60
—
ns
tWR
Write Recovery Time
0
—
0
—
0
—
ns
tDW
Data Valid to End-of-Write
20
—
25
—
30
—
ns
tHZ
Output High-Z Time
(1, 2)
—20—
25
—
30
ns
tDH
Data Hold Time
(4)
3—
3
—
3
—
ns
tWZ
Write Enabled to Output in High-Z
(1, 2)
—20—
25
—
30
ns
tOW
Output Active from End-of-Write
(1, 2, 4)
3—
3
—
3
—
ns
tSWR
SEM Flag Write to Read Time
10
—
10
—
10
—
ns
tSPS
SEM Flag Contention Window
10
—
10
—
10
—
ns
2721 tbl 12
NOTES:
1. Transition is measured
±500mV from Low or High-impedance voltage with Output Test Load (Figure 2).
2. This parameter is guaranteed by device characterization but is not production tested.
3. To access RAM,
CE = VIL and SEM = VIH. To access semaphore, CE = VIH and SEM = VIL. Either condition must be valid for the entire tEW time.
4. The specification for tDH must be met by the device supplying write data to the RAM under all operating conditions. Although tDH and tOW values will vary
over voltage and temperature, the actual tDH will always be smaller than the actual tOW.
5. “X” in part number indicates power rating (SA or LA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com