Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT7134LA55P Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT7134LA55P
Description  HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7134LA55P Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT7134LA55P Datasheet HTML 1Page - Integrated Device Technology IDT7134LA55P Datasheet HTML 2Page - Integrated Device Technology IDT7134LA55P Datasheet HTML 3Page - Integrated Device Technology IDT7134LA55P Datasheet HTML 4Page - Integrated Device Technology IDT7134LA55P Datasheet HTML 5Page - Integrated Device Technology IDT7134LA55P Datasheet HTML 6Page - Integrated Device Technology IDT7134LA55P Datasheet HTML 7Page - Integrated Device Technology IDT7134LA55P Datasheet HTML 8Page - Integrated Device Technology IDT7134LA55P Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
6.04
3
IDT7134SA/LA
HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
MILITARY AND COMMERCIAL TEMPERATURE RANGES
DC ELECTRICAL CHARACTERISTICS OVER THE
OPERATING TEMPERATURE AND SUPPLY VOLTAGE RANGE(1) (VCC = 5.0V
± 10%)
7134X20
(4)
7134X25
7134X35
7134X45
7134X55
7134X70
Symbol
Parameter
Test Conditions
Version Typ.
(2) Max. Typ.(2) Max. Typ.(2) Max. Typ.(2) Max. Typ.(2) Max. Typ.(2) Max. Unit
ICC
Dynamic Operating
CE = VIL
MIL.
S
160
310
150
300
140
280
140
270
140
270
mA
Current
Outputs Open
L
160
260
150
250
140
240
140
220
140
220
(Both Ports Active)
f = fMAX
(3)
COM’L. S
170
280
160
280
150
260
140
240
140
240
140
240
L
170
240
160
220
150
210
140
200
140
200
140
200
ISB1
Standby Current
CEL and CER = VIH MIL.
S
25
100
25
75
25
70
25
70
25
70
mA
(Both Ports—TTL
f = fMAX(3)
L
25
8025
5525
50
25
50
2550
Level Inputs)
COM’L. S
25
110
25
80
25
75
25
70
25
70
25
70
L
25802550
25
45
25
40
25
4025
40
ISB2
Standby Current
CE
"A" = VIL and
MIL.
S
95
210
85
200
75
190
75
180
75
180
mA
(One Port—TTL
CE
"B" = VIH
L
95
170
85
160
75
150
75
150
75
150
Level Inputs)
Active Port Outputs COM’L. S
105
180
95
180
85
170
75
160
75
160
75
160
Open, f = fMAX
(3)
L
105
150
95
140
85
130
75
130
75
130
75
130
ISB3
Full Standby Current Both Ports
CEL and MIL.
S
1.0
30
1.0
30
1.0
30
1.0
30
1.0
30
mA
(Both Ports—All
CER ≥ VCC - 0.2V
L
0.2
10
0.2
10
0.2
10
0.2
10
0.2
10
CMOS Level Inputs) VIN
≥ VCC - 0.2V or COM’L. S
1.0
15
1.0
15
1.0
15
1.0
15
1.0
15
1.0
15
VIN
≤ 0.2V, f = 0(3)
L
0.2
4.5
0.2
4.0
0.2
4.0
0.2
4.0
0.2
4.0
0.2
4.0
ISB4
Full Standby Current One Port
CE
"A" or
MIL.
S
95
210
85
190
75
180
75
170
75
170
mA
(One Port—All
CE
"B" ≥ V
CC
- 0.2V
L
95
150
85
130
75
120
75
120
75
120
CMOS Level Inputs) VIN
≥ VCC - 0.2V or COM’L. S
105
170
95
170
85
160
75
150
75
150
75
150
VIN
≤ 0.2V
L
105
130
95
120
85
110
75
100
75
100
75
100
Active Port Outputs
Open, f = fMAX
(3)
NOTES:
2720 tbl 06
1. “X” in part number indicates power rating (SA or LA).
2. VCC = 5V, TA = +25
°C for typical, and parameters are not production tested.
3. fMAX = 1/tRC = All inputs cycling at f = 1/tRC (except Output Enable). f = 0 means no address or control lines change. Applies only to inputs at CMOS level
standby ISB3.
4. (Commercial only) 0
°C to +70°C temperature range.
RECOMMENDED OPERATING
TEMPERATURE AND SUPPLY VOLTAGE
Ambient
Grade
Temperature
GND
VCC
Military
–55
°C to +125°C
0V
5.0V
± 10%
Commercial
0
°C to +70°C
0V
5.0V
± 10%
2720 tbl 03
RECOMMENDED DC OPERATING CONDITIONS
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
4.5
5.0
5.5
V
GND
Ground
0
0
0
V
VIH
Input High Voltage
2.2
6.0
(2)
V
VIL
Input Low Voltage
–0.5
(1)
0.8
V
NOTES:
2720 tbl 04
1. VIL (min.) > –1.5V for pulse width less than 10ns.
2. VTERM must not exceed Vcc + 0.5V.
DC ELECTRICAL CHARACTERISTICS OVER THE
OPERATING TEMPERATURE AND SUPPLY VOLTAGE (VCC = 5V
± 10%)
IDT7134SA
IDT7134LA
Symbol
Parameter
Test Conditions
Min.
Max.
Min.
Max.
Unit
|ILI|
Input Leakage Current
(1)
VCC = 5.5V, VIN = 0V to VCC
—10—
5
µA
|ILO|
Output Leakage Current
CE = VIH, VOUT = 0V to VCC
—10—
5
µA
VOL
Output Low Voltage
IOL = 6mA
0.4
0.4
V
IOL = 8mA
0.5
0.5
V
VOH
Output High Voltage
IOH = –4mA
2.4
2.4
V
NOTE:
2720 tbl 05
1. At Vcc
≤ 2.0V input leakages are undefined.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com