Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSD30P06 Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # MSD30P06
Description  P-Channel 60-V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MSD30P06 Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  MSD30P06 Datasheet HTML 1Page - Bruckewell Technology LTD MSD30P06 Datasheet HTML 2Page - Bruckewell Technology LTD MSD30P06 Datasheet HTML 3Page - Bruckewell Technology LTD MSD30P06 Datasheet HTML 4Page - Bruckewell Technology LTD MSD30P06 Datasheet HTML 5Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MSD30P06
P-Channel 60-V (D-S) MOSFET
Publication Order Number: [MSD30P06]
© Bruckewell Technology Corporation Rev. A -2014
Absolute Maximum Ratings (Tc=25°C unless otherwise noted)
Symbol
Parameter
Value
Unit
PW
Power Dissipation (TC=25°C)
50
W
TJ/TSTG
Operating Junction and Storage Temperature
-55 to +175
°C
Note:
1. Repetitive rating; pulse width limited by maximum junction temperature.
Thermal Characteristics (Tc=25°C unless otherwise noted)
Symbol
Parameter
Maximum
Units
RθJc
Maximum Junction-to-Case
3.0
°C/W
RθJA
Maximum Junction-to-Ambient
50
Static Characteristics
Symbol
Test Conditions
Min
Typ.
Max.
Units
VGS
VDS = VGS, ID = 250μA
-1.0
--
--
V
RDS(ON)
VGS = -10 V , ID = 28 A
VGS = -4.5 V , ID = -24 A
--
--
54
69
m
Ω
IDSS
VDS = -48 V , VGS = 0 V
VDS = -48 V , VGS = 0 V , Tj = 55°C
--
--
-1
-10
uA
ID(ON)
VDS = -5 V, VGS = -10 V
-20
--
--
A
IGSS
VDS = 0 V , VGS = ±20 V
--
--
±100
nA
Gfs
VDS = -15 V , ID = -28 A
--
8
--
S
VSD
IS = 2.5 A, VGS = 0 V
--
--
-1.2
V
Dynamic Characteristics
Symbol
Test Conditions
Min
Typ.
Max.
Units
td(on)
VDD= -30 V, ID = -1.0 A,
RL = 30ohm , VGEN = -10 V
--
8
--
ns
tr
--
10
--
ns
td(off)
--
35
--
ns
tf
--
12
--
ns
Qg
VDS = -30 V , ID = -2.8 A,
VGS = -4.5 V
--
18
--
nC
Qgs
--
5
--
nC
Qgd
--
2
--



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com