Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSF2N40 Datasheet(PDF) 3 Page - Bruckewell Technology LTD

Part # MSF2N40
Description  400V N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MSF2N40 Datasheet(HTML) 3 Page - Bruckewell Technology LTD

  MSF2N40 Datasheet HTML 1Page - Bruckewell Technology LTD MSF2N40 Datasheet HTML 2Page - Bruckewell Technology LTD MSF2N40 Datasheet HTML 3Page - Bruckewell Technology LTD MSF2N40 Datasheet HTML 4Page - Bruckewell Technology LTD MSF2N40 Datasheet HTML 5Page - Bruckewell Technology LTD MSF2N40 Datasheet HTML 6Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MSF2N40
400V N-Channel MOSFET
Publication Order Number: [MSF2N40]
© Bruckewell Technology Corporation Rev. A -2014
Dynamic Characteristics
Symbol
Test Conditions
Min
Typ.
Max.
Units
td(on)
VDS = 200 V, ID = 5.5 A,
RG = 25 Ω
--
20
50
ns
tr
--
50
110
ns
td(off)
--
90
190
ns
tf
--
55
120
ns
Qg
VDS = 320 V,ID = 5.5 A,
VGS = 10 V
--
25
33
nC
Qgs
--
5.0
--
Qgd
--
10.0
--
Source-Drain Diode Characteristics
Symbol
Test Conditions
Min
Typ.
Max.
Units
IS
--
--
2
A
ISM
--
--
2.5
VSD
IS = 2 A , VGS = 0 V
--
--
1.5
V
trr
IS = 2 A , VGS = 0 V
diF/dt =
100A/μs
--
220
--
ns
Qrr
--
2
--
μC
Notes;
1. Repetitive Rating: Pulse width limited by maximum junction temperature
2. IAS=2A, VDD=50V, RG=25W, Starting TJ=25℃
3. ISD≦2A, di/dt≦300A/μs,VDD≦BVDSS, Starting TJ=25℃
4. Pulse Test: Pulse Width
≦ 300μs, Duty Cycle≦ 2%
5. Essentially Independent of Operating Temperature



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com