Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSF2N70 Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # MSF2N70
Description  700V N-Channel MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MSF2N70 Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  MSF2N70 Datasheet HTML 1Page - Bruckewell Technology LTD MSF2N70 Datasheet HTML 2Page - Bruckewell Technology LTD MSF2N70 Datasheet HTML 3Page - Bruckewell Technology LTD MSF2N70 Datasheet HTML 4Page - Bruckewell Technology LTD MSF2N70 Datasheet HTML 5Page - Bruckewell Technology LTD MSF2N70 Datasheet HTML 6Page - Bruckewell Technology LTD MSF2N70 Datasheet HTML 7Page - Bruckewell Technology LTD MSF2N70 Datasheet HTML 8Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MSF2N70
700V N-Channel MOSFET
Publication Order Number: [MSF2N70]
© Bruckewell Technology Corporation Rev. A -2014
Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
PD
Power Dissipation (TC=25°C)
Power Dissipation (TC=100°C)
45
W
0.22
W/°C
TJ,TSTG
Operating and Storage Temperature Range
-55 to +150
°C
NOTE:
1. Repetitive rating; pulse width limited by maximum junction temperature.
Thermal characteristics (Tc=25°C unless otherwise noted)
Symbol
Parameter
Max.
Units
Rthjc
Typical thermal resistance
2.7
°C/W
RθJA
Typical thermal resistance
62.5
Static Characteristics
Symbol
Test Conditions
Min
Typ.
Max.
Units
VGS
VDS = VGS,ID = 250μA
2.0
--
4.0
V
*RDS(ON)
VGS = 10 V,ID = 0.8 A
--
5.5
6.0
Ω
BVDSS
VGS = 0 V , ID = 250μA
700
--
--
V
△BV
DSS /△TJ
ID = 250μA, Referenced to 25°C
--
0.7
--
V/°C
IDSS
VDS = 700 V , VGS = 0 V
VDS = 560 V , VGS = 0 V , Tj= 125°C
--
--
10
100
μA
IGSSF
VGS = 30 V , VDS = 0 V
--
--
100
nA
IGSSR
VGS = -30 V , VDS = 0 V
--
--
-100
nA
Dynamic Characteristics
Symbol
Test Conditions
Min
Typ.
Max.
Units
CISS
VDS = 25 V, VGS = 0 V,
f = 1.0MHz
--
340
445
pF
COSS
--
45
60
pF
CRSS
--
7.5
10
pF
td(on)
VDS = 350 V, ID = 1.6 A,
RG = 25 Ω
--
10
20
ns
tr
--
25
50
ns
td(off)
--
20
40
ns
tf
--
25
50
ns
Qg
VDS = 560 V,ID = 1.6 A,
VGS = 10 V
--
10.5
1414
nC
Qgs
--
2.0
--
Qgd
--
4.0
--



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com