Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT7142LA55P Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT7142LA55P
Description  HIGH-SPEED 2K x 8 DUAL-PORT STATIC RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7142LA55P Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT7142LA55P Datasheet HTML 1Page - Integrated Device Technology IDT7142LA55P Datasheet HTML 2Page - Integrated Device Technology IDT7142LA55P Datasheet HTML 3Page - Integrated Device Technology IDT7142LA55P Datasheet HTML 4Page - Integrated Device Technology IDT7142LA55P Datasheet HTML 5Page - Integrated Device Technology IDT7142LA55P Datasheet HTML 6Page - Integrated Device Technology IDT7142LA55P Datasheet HTML 7Page - Integrated Device Technology IDT7142LA55P Datasheet HTML 8Page - Integrated Device Technology IDT7142LA55P Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IDT7132SA/LA AND IDT7142SA/LA
HIGH-SPEED 2K x 8 DUAL-PORT STATIC RAM
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.02
2
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
148
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
IDT7132/
7142
P48-1
&
C48-2
DIP
TOP
VIEW (3)
2692 drw 02
GND
I/O6R
I/O5R
I/O4R
I/O3R
I/O2R
I/O1R
I/O0R
I/O7L
I/O6L
I/O5L
I/O4L
CER
CEL
OEL
A0L
BUSYL
R/
WL
R/
WR
BUSYR
VCC
OER
A0R
A1R
A2R
A3R
A4R
A5R
A6R
A7R
A8R
A9R
I/O7R
I/O3L
A1L
A2L
A3L
A4L
A5L
A6L
A7L
A8L
A9L
I/O0L
I/O1L
I/O2L
A10L
A10R
ABSOLUTE MAXIMUM RATINGS
(1)
Symbol
Rating
Commercial
Military
Unit
VTERM
(2) Terminal Voltage
-0.5 to +7.0
-0.5 to +7.0
V
with Respect to
GND
TA
Operating
0 to +70
-55 to +125
°C
Temperature
TBIAS
Temperature
-55 to +125
-65 to +135
°C
Under Bias
TSTG
Storage
-55 to +125
-65 to +150
°C
Temperature
IOUT
DC Output
50
50
mA
Current
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS
may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions
above those indicated in the operational sections of the specification is not
implied. Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
2. VTERM must not exceed Vcc + 0.5V for more than 25% of the cycle time or
10ns maximum, and is limited to < 20mA for the period of VTERM > Vcc +
0.5V.
RECOMMENDED
DC OPERATING CONDITIONS
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
4.5
5.0
5.5
V
GND
Supply Voltage
0
0
0
V
VIH
Input High Voltage
2.2
—
6.0
(2)
V
VIL
Input Low Voltage
-0.5
—
0.8
V
NOTES:
1. VIL (min.) = -1.5V for pulse width less than 10ns.
2. VTERM must not exceed Vcc + 0.5V.
PIN CONFIGURATIONS (1,2)
(1)
2692 tbl 03
RECOMMENDED OPERATING
TEMPERATURE AND SUPPLY VOLTAGE
Ambient
Grade
Temperature
GND
VCC
Military
-55
°C to +125°C
0V
5.0V
± 10%
Commercial
0
°C to +70°C
0V
5.0V
± 10%
2692 tbl 01
2692 tbl 02
IDT7132/42
L48-1
&
F48-1
48-PIN LCC/ FLATPACK
TOP VIEW (3)
INDEX
65
43
2
1
48 47 46 45 44 43
19 20 21 22 23
25 26 27 28 29 30
24
42
41
40
39
38
37
36
35
34
33
32
31
7
8
9
10
11
12
13
14
15
16
17
18
2692 drw 03
A0R
A1R
A2R
A3R
A4R
A5R
A6R
A7R
A8R
A9R
I/O7R
A1L
A2L
A3L
A4L
A5L
A6L
A7L
A8L
A9L
I/O0L
I/O1L
I/O2L
I/O6R
NOTES:
1. All Vcc pins must be connected to the power supply.
2. All GND pins must be connected to the ground supply.
3. This text does not indicate orientation of the actual part-marking.
IDT7132/42
J52-1
52-PIN PLCC
TOP VIEW (3)
INDEX
OER
A0R
A1R
A2R
A3R
A4R
A5R
A6R
A7R
A8R
A9R
N/C
I/O7R
46
45
44
43
42
41
40
39
38
37
36
35
34
I/O3L
A1L
A2L
A3L
A4L
A5L
A6L
A7L
A8L
A9L
I/O0L
I/O1L
I/O2L
8
9
10
11
12
13
14
15
16
17
18
19
20
47
48
49
50
51
52
1
2
3
4
5
6
7
33
32
31
30
29
28
27
26
25
24
23
22
21
2692 drw 04
NOTES:
1. All Vcc pins must be connected to the power supply.
2. All GND pins must be connected to the ground supply.
3. This text does not indicate orientation of the actual part-marking.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com