Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT7134LA55C Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT7134LA55C
Description  HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7134LA55C Datasheet(HTML) 8 Page - Integrated Device Technology

  IDT7134LA55C Datasheet HTML 1Page - Integrated Device Technology IDT7134LA55C Datasheet HTML 2Page - Integrated Device Technology IDT7134LA55C Datasheet HTML 3Page - Integrated Device Technology IDT7134LA55C Datasheet HTML 4Page - Integrated Device Technology IDT7134LA55C Datasheet HTML 5Page - Integrated Device Technology IDT7134LA55C Datasheet HTML 6Page - Integrated Device Technology IDT7134LA55C Datasheet HTML 7Page - Integrated Device Technology IDT7134LA55C Datasheet HTML 8Page - Integrated Device Technology IDT7134LA55C Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
6.04
8
IDT7134SA/LA
HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
MILITARY AND COMMERCIAL TEMPERATURE RANGES
TIMING WAVEFORM OF WRITE CYCLE NO. 1, R/
W
W
W
W
W CONTROLLED TIMING(1, 5, 8)
TIMING WAVEFORM OF WRITE CYCLE NO. 2,
CE
CE
CE
CE
CE CONTROLLED TIMING(1, 5)
NOTES:
1. R/
W or CE must be High during all address transitions.
2. A write occurs during the overlap (tEW or tWP) of a
CE =VIL and R/W = VIL.
3. tWR is measured from the earlier of
CE or R/W going High to the end-of-write cycle.
4. During this period, the I/O pins are in the output state, and input signals must not be applied.
5. If the
CE Low transition occurs simultaneously with or after the R/W Low transition, the outputs remain in the High-impedance state.
6. Timing depends on which enable signal (
CE or R/W )is asserted last.
7. This parameter is guaranteed by device characterization, but is not production tested. Transition is measured + 500mV from steady state with the Output
Test Load (Figure 2).
8. If
OE is Low during a R/W controlled write cycle, the write pulse width must be the larger of tWP or (tWZ + tDW) to allow the I/O drivers to turn off data to
be placed on the bus for the required tDW. If
OE is High during an R/W controlled write cycle, this requirement does not apply and the write pulse can be
as short as the specified tWP.
2720 drw 12
R/
W
tWC
ADDRESS
DATAIN
CE
1.20 in
tDW
tWR(3)
tDH
tEW(2)
tAW
tAS(6)
CE
2720 drw 11
tAW
tAS(6)
tDW
DATAIN
ADDRESS
tWC
R/
W
tWP
tDH
DATAOUT
tWZ (7)
(4)
(4)
(2)
tOW
OE
(7)
tHZ
tLZ
(7)
tHZ
tWR(3)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com