Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT6167LA55PB Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT6167LA55PB
Description  CMOS STATIC RAM 16K (16K x 1-BIT)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT6167LA55PB Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT6167LA55PB Datasheet HTML 1Page - Integrated Device Technology IDT6167LA55PB Datasheet HTML 2Page - Integrated Device Technology IDT6167LA55PB Datasheet HTML 3Page - Integrated Device Technology IDT6167LA55PB Datasheet HTML 4Page - Integrated Device Technology IDT6167LA55PB Datasheet HTML 5Page - Integrated Device Technology IDT6167LA55PB Datasheet HTML 6Page - Integrated Device Technology IDT6167LA55PB Datasheet HTML 7Page - Integrated Device Technology IDT6167LA55PB Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
5.2
4
IDT6167SA/LA
CMOS STATIC RAM 16K (16K x 1-BIT)
MILITARY AND COMMERCIAL TEMPERATURE RANGES
DC ELECTRICAL CHARACTERISTICS
VCC = 5.0V
± 10%
IDT6167SA
IDT6167LA
Symbol
Parameter
Test Condition
Min.
Max.
Min.
Max.
Unit
|ILI|
Input Leakage Current
VCC = Max.,
MIL
10
5
µA
VIN = GND to VCC
COM’L
5
2
|ILO|
Output Leakage Current
VCC = Max.,
CS = VIH,
MIL
10
5
µA
VOUT = GND to VCC
COM’L
5
2
VOL
Output Low Voltage
IOL = 8mA, VCC = Min.
0.4
0.4
V
VOH
Output High Voltage
IOH = –4mA, VCC = Min.
2.4
2.4
V
DATA RETENTION CHARACTERISTICS OVER ALL TEMPERATURE RANGES
(LA Version Only) VLC = 0.2V, VHC = VCC – 0.2V
Typ.
(1)
Max.
VCC @VCC @
Symbol
Parameter
Test Condition
Min.
2.0v
3.0V
2.0V
3.0V
Unit
VDR
VCC for Data Retention
2.0
V
ICCDR
Data Retention Current
MIL.
0.5
1.0
200
300
µA
COM’L.
0.5
1.0
20
30
tCDR
Chip Deselect to Data
CS ≥ VHC
0—
ns
Retention Time
VIN
≥ VHC or ≤ VLC
tR
(3)
Operation Recovery Time
tRC
(2)
——
——
ns
|ILI|
(3)
Input Leakage Current
2
2
µA
NOTES:
2981 tbl 09
1. TA = +25
°C.
2. tRC = Read Cycle Time.
3. This parameter is guaranteed by device characterization, but is not production tested.
LOW VCC DATA RETENTION WAVEFORM
2981 tbl 08
2981 drw 03
DATA
RETENTION
MODE
4.5V
4.5V
VDR
≥ 2V
VIH
VIH
tR
tCDR
VCC
CS
VDR



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com