Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT7143LA55G Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT7143LA55G
Description  HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7143LA55G Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT7143LA55G Datasheet HTML 6Page - Integrated Device Technology IDT7143LA55G Datasheet HTML 7Page - Integrated Device Technology IDT7143LA55G Datasheet HTML 8Page - Integrated Device Technology IDT7143LA55G Datasheet HTML 9Page - Integrated Device Technology IDT7143LA55G Datasheet HTML 10Page - Integrated Device Technology IDT7143LA55G Datasheet HTML 11Page - Integrated Device Technology IDT7143LA55G Datasheet HTML 12Page - Integrated Device Technology IDT7143LA55G Datasheet HTML 13Page - Integrated Device Technology IDT7143LA55G Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
6.42
IDT7133SA/LA, IDT7143SA/LA
High-Speed 2K x 16 Dual-Port RAM
Military, Industrial and Commercial Temperature Ranges
10
AC Electrical Characteristics Over the
Operating Temperature and Supply Voltage(6)
NOTES:
1.
Port-to-port delay through RAM cells from writing port to reading port, refer to “Timing Waveform of Write with Port-to-Port Read and Busy".
2.
tBDD is calculated parameter and is greater of 0, tWDD - tWP (actual) or tDDD - tDW (actual).
3.
To ensure that the earlier of the two ports wins.
4.
To ensure that the write cycle is inhibited on port "B" during contention on port "A".
5.
To ensure that a write cycle is completed on port "B" after contention on port "A".
6.
'X' in part number indicates power rating (SA or LA).
7133X20
7143X20
Com'l Only
7133X25
7143X25
Com'l, Ind
& Military
7133X35
7143X35
Com'l, Ind
& Military
Symbol
Parameter
Min.Max.
Min.Max.Min.Max.
Unit
BUSY TIMING (For MASTER 71V33)
tBAA
BUSY Access Time from Address
____
20
____
20
____
30
ns
tBDA
BUSY Disable Time from Address
____
20
____
20
____
30
ns
tBAC
BUSY Access Time from Chip Enable
____
20
____
20
____
25
ns
tBDC
BUSY Disable Time from Chip Enable
____
17
____
20
____
25
ns
tWDD
Write Pulse to Data Delay
(1)
____
40
____
50
____
60
ns
tDDD
Write Data Valid to Read Data Delay
(1)
____
30
____
35
____
45
ns
tBDD
BUSY Disable to Valid Data(2)
____
25
____
30
____
35
ns
tAPS
Arbitration Priority Set-up Time
(3)
5
____
5
____
5
____
ns
tWH
Write Hold After
BUSY(5)
20
____
20
____
25
____
ns
BUSY INPUT TIMING (For SLAVE 71V43)
tWB
BUSY Input to Write(4)
0
____
0
____
0
____
ns
tWH
Write Hold After
BUSY(5)
20
____
20
____
25
____
ns
tWDD
Write Pulse to Data Delay
(1)
____
40
____
50
____
60
ns
tDDD
Write Data Valid to Read Data Delay
(1)
____
30
____
35
____
45
ns
2746 tbl 12a
7133X45
7143X45
Com'l &
Military
7133X55
7143X55
Com'l, Ind
& Military
7133X70/90
7143X70/90
Com'l &
Military
Symbol
Parameter
Min.Max.
Min.Max.Min.Max.
Unit
BUSY TIMING (For MASTER 71V33)
tBAA
BUSY Access Time from Address
____
40
____
40
____
45/45
ns
tBDA
BUSY Disable Time from Address
____
40
____
40
____
45/45
ns
tBAC
BUSY Access Time from Chip Enable
____
30
____
35
____
35/35
ns
tBDC
BUSY Disable Time from Chip Enable
____
25
____
30
____
30/30
ns
tWDD
Write Pulse to Data Delay
(1)
____
80
____
80
____
90/90
ns
tDDD
Write Data Valid to Read Data Delay
(1)
____
55
____
55
____
70/70
ns
tBDD
BUSY Disable to Valid Data(2)
____
40
____
40
____
40/40
ns
tAPS
Arbitration Priority Set-up Time
(3)
5
____
5
____
5/5
____
ns
tWH
Write Hold After
BUSY(5)
30
____
30
____
30/30
____
ns
BUSY INPUT TIMING (For SLAVE 71V43)
tWB
BUSY Input to Write(4)
0
____
0
____
0/0
____
ns
tWH
Write Hold After
BUSY(5)
30
____
30
____
30/30
____
ns
tWDD
Write Pulse to Data Delay
(1)
____
80
____
80
____
90/90
ns
tDDD
Write Data Valid to Read Data Delay
(1)
____
55
____
55
____
70/70
ns
2746 tbl 12b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com