Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT7132LA55J Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT7132LA55J
Description  HIGH-SPEED 2K x 8 DUAL-PORT STATIC RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7132LA55J Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT7132LA55J Datasheet HTML 1Page - Integrated Device Technology IDT7132LA55J Datasheet HTML 2Page - Integrated Device Technology IDT7132LA55J Datasheet HTML 3Page - Integrated Device Technology IDT7132LA55J Datasheet HTML 4Page - Integrated Device Technology IDT7132LA55J Datasheet HTML 5Page - Integrated Device Technology IDT7132LA55J Datasheet HTML 6Page - Integrated Device Technology IDT7132LA55J Datasheet HTML 7Page - Integrated Device Technology IDT7132LA55J Datasheet HTML 8Page - Integrated Device Technology IDT7132LA55J Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
IDT7132SA/LA AND IDT7142SA/LA
HIGH-SPEED 2K x 8 DUAL-PORT STATIC RAM
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.02
4
5V
1250
Ω
30pF*
775
Ω
DATA OUT
5V
1250
Ω
775
Ω
5pF*
DATA OUT
2692 drw 06
100pF for 55 and 100ns versions
270
Ω
30pF*
BUSY or INT
100pF for 55 and 100ns versions
5V
DATA RETENTION WAVEFORM
AC TEST CONDITIONS
Input Pulse Levels
Input Rise/Fall Times
Input Timing Reference Levels
Output Reference Levels
Output Load
2692 tbl 07
GND TO 3.0V
5ns
1.5V
1.5V
Figures 1, 2, and 3
DATA RETENTION CHARACTERISTICS (LA Version Only)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDR
VCC for Data Retention
2.0
—
—
V
ICCDR
Data Retention Current
VCC = 2.0V,
CE ≥ VCC -0.2V
Mil.
—
100
4000
µA
VIN
≥ VCC -0.2V or VIN ≤ 0.2V Com’l.
—
100
1500
µA
tCDR
Chip Deselect to Data
0
—
—
ns
Retention Time
tR
Operation Recovery
tRC
——
ns
Time
(3)
(3)
(2)
lDT7132LA/IDT7142LA
Figure 2. Output Test Load
(for tHZ, tLZ, tWZ, and tOW)
* Including scope and jig
Figure 1. AC Output Test Load
2692 tbl 06
NOTES:
1. VCC = 2V, TA = +25
°C, and is not production tested.
2. tRC = Read Cycle Time
3. This parameter is guaranteed but not production tested.
VCC
CE
4.5V
4.5V
DATA RETENTION MODE
tCDR
tR
VIH
VIH
VDR
VDR 2.0V
2692 drw 05
≥
Figure 3.
BUSY
BUSY
BUSY
BUSY
BUSY and INT
INT
INT
INT
INT
AC Output Test Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com