Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P64-VMF6TPBA Datasheet(PDF) 25 Page - Numonyx B.V

Part # M25P64-VMF6TPBA
Description  64 Mbit, low voltage, Serial Flash memory with 75 MHz SPI bus interface
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25P64-VMF6TPBA Datasheet(HTML) 25 Page - Numonyx B.V

Back Button M25P64-VMF6TPBA Datasheet HTML 21Page - Numonyx B.V M25P64-VMF6TPBA Datasheet HTML 22Page - Numonyx B.V M25P64-VMF6TPBA Datasheet HTML 23Page - Numonyx B.V M25P64-VMF6TPBA Datasheet HTML 24Page - Numonyx B.V M25P64-VMF6TPBA Datasheet HTML 25Page - Numonyx B.V M25P64-VMF6TPBA Datasheet HTML 26Page - Numonyx B.V M25P64-VMF6TPBA Datasheet HTML 27Page - Numonyx B.V M25P64-VMF6TPBA Datasheet HTML 28Page - Numonyx B.V M25P64-VMF6TPBA Datasheet HTML 29Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 55 page
background image
M25P64
Instructions
25/55
6.3
Read Identification (RDID)
The read identification (RDID) instruction allows to read the device identification data:
Manufacturer identification (1 byte)
Device identification (2 bytes)
A unique ID code (UID) (17 bytes, of which 16 available upon customer request).(1)
The manufacturer identification is assigned by JEDEC, and has the value 20h for Numonyx.
The device identification is assigned by the device manufacturer, and indicates the memory
type in the first byte (20h), and the memory capacity of the device in the second byte (17h).
The UID contains the length of the following data in the first byte (set to 10h) and 16 bytes of
the optional customized factory data (CFD) content. The CFD bytes are read-only and can
be programmed with customers data upon their demand. If the customers do not make
requests, the devices are shipped with all the CFD bytes programmed to zero (00h).
Any read identification (RDID) instruction while an erase or program cycle is in progress, is
not decoded, and has no effect on the cycle that is in progress.
The read identification (RDID) instruction should not be issued while the device is in deep
power-down mode.
The device is first selected by driving Chip Select (S) Low. Then, the 8-bit instruction code
for the instruction is shifted in. After this, the 24-bit device identification, stored in the
memory, the 8-bit CFD length followed by 16 bytes of CFD content will be shifted out on
serial data output (DQ1). Each bit is shifted out during the falling edge of Serial Clock (C).
The instruction sequence is shown in Figure 10.
The read identification (RDID) instruction is terminated by driving Chip Select (S) High at
any time during data output. When Chip Select (S) is driven High, the device is put in the
standby power mode. Once in the standby power mode, the device waits to be selected so
that it can receive, decode, and execute instructions.
1.
The UID feature is available only for process technology T9HX devices, identified by process identification digit
"4" in the device marking.
Table 5.
Read identification (RDID) data-out sequence
Manufacturer identification
Device identification
UID
Memory type
Memory capacity
CFD length
CFD content
20h
20h
17h
10h
16 bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com