Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS5P100 Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # SS5P100
Description  High Current Density Surface Mount Ultra Low VF Schottky Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

SS5P100 Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  SS5P100 Datasheet HTML 1Page - Bruckewell Technology LTD SS5P100 Datasheet HTML 2Page - Bruckewell Technology LTD SS5P100 Datasheet HTML 3Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Preliminary SS5P100
High Current Density Surface Mount
Ultra Low VF Schottky Rectifier
Publication Order Number: [SS5P100]
© Bruckewell Technology Corporation Rev. A -2014
Maximum Ratings (Tc=25°C unless otherwise noted)
Parameter
Symbol
SS5P100
Unit
Peak forward surge current
8.3ms single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
150
A
Non-repetitive avalanche energy at 25 °C
IAS = 2 A per diode
EAS
20
m’J
Operating junction temperature range
TJ
-55 to +150
°C
Storage temperature range
TSTG
-55 to +150
°C
Note:
(1) Mounted on 30 mm x 30 mm Al P.C.B. with 50 mm x 25 mm x 100 mm fin heat sink
(2) Free air, mounted on recommended copper pad area
Electrical characteristics (Tc=25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Typical
Max
Instantaneous forward voltage at IF=10A, Tj=25°C
at IF=10A, Tj=125°C
VF
0.80
0.65
0.85
V
Maximum reverse current per leg
Tj=25°C
IR
15
at working peak reverse voltage
Tj=125°C
5
Thermal characteristics (Tc=25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Typical thermal resistance
RθJA
60
°C/W
Rthjc
3
Notes:
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width ≤ 40 ms



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com