Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT7134LA55CB Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT7134LA55CB
Description  HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7134LA55CB Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT7134LA55CB Datasheet HTML 1Page - Integrated Device Technology IDT7134LA55CB Datasheet HTML 2Page - Integrated Device Technology IDT7134LA55CB Datasheet HTML 3Page - Integrated Device Technology IDT7134LA55CB Datasheet HTML 4Page - Integrated Device Technology IDT7134LA55CB Datasheet HTML 5Page - Integrated Device Technology IDT7134LA55CB Datasheet HTML 6Page - Integrated Device Technology IDT7134LA55CB Datasheet HTML 7Page - Integrated Device Technology IDT7134LA55CB Datasheet HTML 8Page - Integrated Device Technology IDT7134LA55CB Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
6.04
5
IDT7134SA/LA
HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
MILITARY AND COMMERCIAL TEMPERATURE RANGES
AC ELECTRICAL CHARACTERISTICS OVER THE
OPERATING TEMPERATURE AND SUPPLY VOLTAGE(4) (CONT'D)
7134X45
7134X55
7134X70
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
READ CYCLE
tRC
Read Cycle Time
45
55
70
ns
tAA
Address Access Time
45
55
70
ns
tACE
Chip Enable Access Time
45
55
70
ns
tAOE
Output Enable Access Time
25
30
40
ns
tOH
Output Hold from Address Change
0
0
0
ns
tLZ
Output Low-Z Time
(1, 2)
5—
5
5—
ns
tHZ
Output High-Z Time
(1, 2)
—20—
25
—30
ns
tPU
Chip Enable to Power Up Time
(2)
0—
0
0—
ns
tPD
Chip Disable to Power Down Time
(2)
—45—
50
—50
ns
NOTES:
2720 tbl 09
1. Transition is measured
±500mV from Low or High-impedance voltage with the Output Test Load (Figure 2).
2. This parameter is guaranteed by device characterization, but is not production tested.
3. (Commercial only) 0
°C to +70°C temperature range only.
4. “X” in part number indicates power rating (SA or LA).
TIMING WAVEFORM OF READ CYCLE NO. 1, EITHER SIDE(1, 2, 3)
AC ELECTRICAL CHARACTERISTICS OVER THE
OPERATING TEMPERATURE AND SUPPLY VOLTAGE(4)
7134X20
(3)
7134X25
7134X35
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
READ CYCLE
tRC
Read Cycle Time
20
25
35
ns
tAA
Address Access Time
20
25
35
ns
tACE
Chip Enable Access Time
20
25
35
ns
tAOE
Output Enable Access Time
15
15
20
ns
tOH
Output Hold from Address Change
0
0
0
ns
tLZ
Output Low-Z Time
(1, 2)
0
0—
0—
ns
tHZ
Output High-Z Time
(1, 2)
—15
15
20
ns
tPU
Chip Enable to Power Up Time
(2)
0
0—
0—
ns
tPD
Chip Disable to Power Down Time
(2)
—20
25
35
ns
NOTES:
1. Timing depends on which signal is asserted last,
OE or CE.
2. Timing depends on which signal is de-asserted first,
OE or CE.
3. R/
W = VIH.
ADDRESS
DATAOUT
PREVIOUS DATA VALID
DATA VALID
tOH
tOH
tAA
tRC
2720 drw 08



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com