Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT54FCT240 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT54FCT240
Description  FAST CMOS OCTAL BUFFER/LINE DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54FCT240 Datasheet(HTML) 6 Page - Integrated Device Technology

  IDT54FCT240 Datasheet HTML 1Page - Integrated Device Technology IDT54FCT240 Datasheet HTML 2Page - Integrated Device Technology IDT54FCT240 Datasheet HTML 3Page - Integrated Device Technology IDT54FCT240 Datasheet HTML 4Page - Integrated Device Technology IDT54FCT240 Datasheet HTML 5Page - Integrated Device Technology IDT54FCT240 Datasheet HTML 6Page - Integrated Device Technology IDT54FCT240 Datasheet HTML 7Page - Integrated Device Technology IDT54FCT240 Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IDT54/74FCT240/241/244/540/541/A/C
FAST CMOS OCTAL BUFFER/LINE DRIVER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
7.8
6
SWITCHING CHARACTERISTICS OVER OPERATING RANGE FOR FCT240
(1,2)
2606 tbl 07
SWITCHING CHARACTERISTICS OVER OPERATING RANGE FOR FCT241 AND FCT244(1,2)
SWITCHING CHARACTERISTICS OVER OPERATING RANGE FOR FCT241 AND FCT244
(1,2)
54/74FCT241/244
54/74FCT241A/244A
54/74FCT241C/244C
Com'l.
Mil.
Com'l.
Mil.
Com'l.
Mil.
Symbol
Parameter
Condition
Min. Max. Min. Max. Min. Max. Min. Max. Min. Max. Min. Max.
Unit
tPLH
tPHL
Propagation Delay
DN to ON
CL = 50pF
RL = 500
Ω
1.5
6.5
1.5
7.0
1.5
4.8
1.5
5.1
1.5
4.1
1.5
4.6
ns
tPZH
tPZL
Output Enable Time
1.5
8.0
1.5
8.5
1.5
6.2
1.5
6.5
1.5
5.8
1.5
6.5
ns
tPHZ
tPLZ
Output Disable Time
1.5
7.0
1.5
7.5
1.5
5.6
1.5
5.9
1.5
5.2
1.5
5.7
ns
2606 tbl 08
SWITCHING CHARACTERISTICS OVER OPERATING RANGE FOR FCT540 AND FCT541
(1,2)
NOTES:
2606 tbl 09
1. See test circuit and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
54/74FCT240
54/74FCT240A
54/74FCT240C
Com'l.
Mil.
Com'l.
Mil.
Com'l.
Mil.
Symbol
Parameter
Condition
Min. Max. Min. Max. Min. Max. Min. Max. Min. Max.
Min. Max. Unit
tPLH
tPHL
Propagation Delay
DN to
ON
CL = 50pF
RL = 500
Ω
1.5
8.0
1.5
9.0
1.5
4.8
1.5
5.1
1.5
4.3
1.5
4.7
ns
tPZH
tPZL
Output Enable Time
1.5
10.0
1.5
10.5
1.5
6.2
1.5
6.5
1.5
5.8
1.5
6.5
ns
tPHZ
tPLZ
Output Disable Time
1.5
9.5
1.5
10.0
1.5
5.6
1.5
5.9
1.5
5.2
1.5
5.7
ns
54/74FCT540/541
54/74FCT540A/541A
54/74FCT540C/541C
Com'l.
Mil.
Com'l.
Mil.
Com'l.
Mil.
Symbol
Parameter
Condition
Min. Max. Min. Max. Min. Max. Min. Max. Min. Max.
Min. Max. Unit
tPLH
tPHL
Propagation Delay
DN to
ON
IDT54/74FCT540
CL = 50pF
RL = 500
Ω
1.5
8.5
1.5
9.5
1.5
4.8
1.5
5.1
1.5
4.3
1.5
4.7
ns
tPLH
tPHL
Propagation Delay
DN to ON
IDT54/74FCT541
1.5
8.0
1.5
9.0
1.5
4.8
1.5
5.1
1.5
4.1
1.5
4.6
ns
tPZH
tPZL
Output Enable Time
1.5
10.0
1.5
10.5
1.5
6.2
1.5
6.5
1.5
5.8
1.5
6.5
ns
tPHZ
tPLZ
Output Disable Time
1.5
9.5
1.5
10.0
1.5
5.6
1.5
5.9
1.5
5.2
1.5
5.7
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com