Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD596 Datasheet(PDF) 2 Page - Analog Devices

Part # AD596
Description  THERMOCOUPLE CONDITIONER AND SETPOINT CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD596 Datasheet(HTML) 2 Page - Analog Devices

  AD596_15 Datasheet HTML 1Page - Analog Devices AD596_15 Datasheet HTML 2Page - Analog Devices AD596_15 Datasheet HTML 3Page - Analog Devices AD596_15 Datasheet HTML 4Page - Analog Devices AD596_15 Datasheet HTML 5Page - Analog Devices AD596_15 Datasheet HTML 6Page - Analog Devices AD596_15 Datasheet HTML 7Page - Analog Devices AD596_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AD596/AD597–SPECIFICATIONS
(@ +60 C and VS = 10 V, Type J (AD596), Type K (AD597) Thermocouple,
unless otherwise noted)
REV. B
–2–
Model
AD596AH
AD597AH
AD597AR
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
ABSOLUTE MAXIMUM RATINGS
+VS to –VS
36
36
36
Volts
Common-Mode Input Voltage
(–VS – 0.15)
+VS
(–VS – 0.15)
+VS
(–VS – 0.15)
+VS
Volts
Differential Input Voltage
–VS
+VS
–VS
+VS
–VS
+VS
Volts
Alarm Voltages
+ALM
–VS
(–VS +36)
–VS
(–VS +36)
–VS
(–VS +36)
Volts
–ALM
–VS
+VS
–VS
+VS
–VS
+VS
Volts
Operating Temperature Range
–55
+125
–55
+125
–40
+125
°C
Output Short Circuit to Common
Indefinite
Indefinite
Indefinite
TEMPERATURE MEASUREMENT
(Specified Temperature Range
+25
°C to +100°C)
Calibration Error1
–4
+4
–4
+4
–4
+4
°C
Stability vs. Temperature2
±0.02 ±0.05
±0.02 ±0.05
±0.02 ±0.05
°C/°C
Gain Error
–1.5
+1.5
–1.5
+1.5
–1.5
+1.5
%
Nominal Transfer Function
10
10
10
mV/
°C
AMPLIFIER CHARACTERISTICS
Closed Loop Gain3
180.6
245.5
245.5
V/V
Input Offset Voltage
°C × 53.21 + 235
°C × 41.27 – 37
°C × 41.27 – 37
µV
Input Bias Current
0.1
0.1
0.1
µA
Differential Input Range
–10
+50
–10
+50
–10
+50
mV
Common-Mode Range
(–VS – 0.15)
(+VS – 4)
(+VS – 0.15)
(+VS – 4)
(–VS – 0.15)
(+VS – 4)
Volts
Common-Mode Sensitivity–RTO
10
10
10
mV/V
Power Supply Sensitivity–RTO
1
10
1
10
1
10
mV/V
Output Voltage Range
Dual Supplies
(–VS + 2.5)
(+VS – 2)
(–VS + 2.5)
(+VS – 2)
(–VS + 2.5)
(+VS – 2)
Volts
Single Supply
0
(+VS – 2)
0
(+VS – 2)
0
(+VS – 2)
Volts
Usable Output Current4
±5
±5
±5mA
3 dB Bandwidth
15
15
15
kHz
ALARM CHARACTERISTICS5
Alarm Function Not Pinned Out
VCE(SAT) at 2 mA
0.3
0.3
Volts
Leakage Current
1
1
µA
Operating Voltage at – ALM
(+VS – 4)
(+VS – 4)
Volts
Short Circuit Current
20
20
mA
POWER REQUIREMENTS
Operating
(+VS to –VS) ≤ 30
(+VS to –VS) ≤ 30
(+VS to –VS) ≤ 30
Volts
Quiescent Current
+VS
160
300
160
300
160
300
µA
–VS
100
200
100
200
100
200
µA
NOTES
1This is a measure of the deviation from ideal with a measuring thermocouple junction of 175
°C and a chip temperature of 60°C. The ideal transfer function is given by:
AD596: VOUT = 180.57
× (V
m – Va + (ambient in
°C) × 53.21 µV/°C + 235 µV)
AD597: VOUT = 245.46
× (V
m – Va + (ambient in
°C) × 41.27 µV/°C – 37 µV)
where Vm, and Va represent the measuring and ambient temperatures and are taken from the appropriate J or K thermocouple table. The ideal transfer function minimizes the
error over the ambient temperature range of 25
°C to 100°C with a thermocouple temperature of approximately 175°C.
2Defined as the slope of the line connecting the AD596/AD597 CJC errors measured at 25
°C and 100°C ambient temperature.
3Pin 6 shorted to Pin 7.
4Current Sink Capability in single supply configuration is limited to current drawn to ground through a 50 k
Ω resistor at output voltages below 2.5 V.
5Alarm function available on H package option only.
Specifications subject to change without notice.
Specifications shown in boldface are tested on all production units at final electrical test. Results from those tests are used to calculate outgoing quality levels. All min and max
specifications are guaranteed, although only those shown in boldface
are tested on all production units.
ORDERING GUIDE
Model
Package Description
Package Options
AD596AH
TO-100
H-10A
AD597AH
TO-100
H-10A
AD597AR*
Plastic SOIC
SO-8
*Consult factory for availability.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com