Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT7132LA55PB Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT7132LA55PB
Description  HIGH-SPEED 2K x 8 DUAL-PORT STATIC RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7132LA55PB Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT7132LA55PB Datasheet HTML 3Page - Integrated Device Technology IDT7132LA55PB Datasheet HTML 4Page - Integrated Device Technology IDT7132LA55PB Datasheet HTML 5Page - Integrated Device Technology IDT7132LA55PB Datasheet HTML 6Page - Integrated Device Technology IDT7132LA55PB Datasheet HTML 7Page - Integrated Device Technology IDT7132LA55PB Datasheet HTML 8Page - Integrated Device Technology IDT7132LA55PB Datasheet HTML 9Page - Integrated Device Technology IDT7132LA55PB Datasheet HTML 10Page - Integrated Device Technology IDT7132LA55PB Datasheet HTML 11Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
6.02
11
IDT7132SA/LA AND IDT7142SA/LA
HIGH-SPEED 2K x 8 DUAL-PORT STATIC RAM
MILITARY AND COMMERCIAL TEMPERATURE RANGES
WIDTH EXPANSION WITH BUSY LOGIC
MASTER/SLAVE ARRAYS
When expanding an RAM array in width while using busy
logic, one master part is used to decide which side of the RAM
array will receive a busy indication, and to output that indica-
tion. Any number of slaves to be addressed in the same
address range as the master, use the busy signal as a write
inhibit signal. Thus on the IDT7130/IDT7140 RAM the busy
pin is an output if the part is used as a master (M/
S pin = VIH),
and the busy pin is an input if the part used as a slave (M/
S pin
= VIL) as shown in Figure 4.
Figure 4. Busy and chip enable routing for both width and depth
expansion with IDT7132 (Master) and IDT7142 (Slave) RAMs.
+5V
R/
W
BUSY
R/
W
BUSY
IDT7132
MASTER
+5V
R/
W
BUSY
R/
W
BUSY
R/
W
BUSY
IDT7142
SLAVE
R/
W
BUSY
(1)
LEFT
RIGHT
2692 drw 15
IDT7142
SLAVE
270
Ω
270
Ω
If two or more master parts were used when expanding in
width, a split decision could result with one master indicating
busy on one side of the array and another master indicating
busy on one other side of the array. This would inhibit the write
operations from one port for part of a word and inhibit the write
operations from the other port for the other part of the word.
The busy arbitration, on a master, is based on the chip enable
and address signals only. It ignores whether an access is a
read or write. In a master/slave array, both address and chip
enable must be valid long enough for a busy flag to be output
from the master before the actual write pulse can be initiated
with either the R/
W signal or the byte enables. Failure to
observe this timing can result in a glitched internal write inhibit
signal and corrupted data in the slave.
48-pin Plastic DIP (P48-1)
48-pin Sidebraze DIP (C48-2)
52-pin PLCC (J52-1)
48-pin LCC (L48-1)
48-pin Ceramic Flatpack (F48-1)
XXXX
IDT
Device Type
A
999
A
A
Power
Speed
Package
Process/
Temperature
Range
7132
7142
Speed in nanoseconds
16K (2K x 8-Bit) MASTER Dual-Port RAM
16K (2K x 8-Bit) SLAVE Dual-Port RAM
Commercial PLCC Only
2692 drw 16
Blank
B
P
C
J
L48
F
20
25
35
55
100
LA
SA
Commercial (0
°C to +70°C)
Military (–55
°C to +125°C)
Compliant to MIL-STD-883, Class B
Low Power
Standard Power
ORDERING INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com