Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2883 Datasheet(PDF) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

Part # 2SC2883
Description  Low voltage
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKOSEMI [MAKO SEMICONDUCTOR CO.,LIMITED]
Direct Link  http://www.makosemi.hk/
Logo MAKOSEMI - MAKO SEMICONDUCTOR CO.,LIMITED

2SC2883 Datasheet(HTML) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

  2SC2883 Datasheet HTML 1Page - MAKO SEMICONDUCTOR CO.,LIMITED 2SC2883 Datasheet HTML 2Page - MAKO SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page:P2-P1
Plastic-Encapsulate Transistors
FEATURES
• Low voltage
Maximum Ratings (Ta=25
unless otherwise noted)
Parameter
Symbol
Value
Unit
Collector-Base Voltage
VCBO
30
V
Collector-Emitter Voltage
VCEO
30
V
Emitter-Base Voltage
VEBO
5
V
Collector Current -Continuous
IC
1.5
A
Collector Power dissipation
PC
0.5
W
Junction Temperature
TJ
150
Storage Temperature
Tstg
-55to +150
ELECTRICAL CHARACTERISTICS ( @ Ta=25
unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
VCBO
IC=1mA,IE=0
30
V
Collector-emitter breakdown voltage
VCEO
IC=10mA,IB=0
30
V
Emitter-base breakdown voltage
VEBO
IE=1mA,IC=0
5
V
Collector cut-off current
ICBO
VCB=30V,IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB=5V,IC=0
0.1
μA
DC current gain
hFE
VCE=2V,IC=0.5A
100
320
Collector-emitter saturation voltage
VCE(sat)
IC=1.5A,IB=30mA
2
V
Base-emitter voltage
VBE
VCE=2V,IC=0.5A
1
V
Transition frequency
fT
VCE=2V,IC=500mA
120
MHz
Collector output capacitance
Cob
VCB=10V,IE=0,f=1MHz
40
pF
CLASSIFICATION OF hFE
Rank
O
Y
Range
100-200
160-320
Marking
GO
GY
2SC2883 (NPN)
1. BASE
2. COLLECTO
SOT-89
3. EMITTER
MAKO Semiconductor Co., Limited 4008-378-873 http://www.makosemi.hk/


Similar Part No. - 2SC2883

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2883 TOSHIBA-2SC2883 Datasheet
157Kb / 2P
TRANSISTOR (AUDIO FREQUENCY AMPLIFIER APLICATIONS)
logo
Guangdong Kexin Industr...
2SC2883 KEXIN-2SC2883 Datasheet
356Kb / 2P
Audio Frequency Amplifier Applications
logo
Toshiba Semiconductor
2SC2883 TOSHIBA-2SC2883 Datasheet
124Kb / 4P
Audio Frequency Amplifier Applications
logo
SeCoS Halbleitertechnol...
2SC2883 SECOS-2SC2883 Datasheet
370Kb / 3P
NPN Plastic-Encapsulate Transistor
logo
Shenzhen Jin Yu Semicon...
2SC2883 HTSEMI-2SC2883 Datasheet
852Kb / 3P
TRANSISTOR(NPN)
More results

Similar Description - 2SC2883

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ELM742X ETC-ELM742X Datasheet
111Kb / 3P
LOW VOLTAGE, LOW POWER CMOS VOLTAGE COMPARATOR
logo
Unisonic Technologies
RXXLD10 UTC-RXXLD10 Datasheet
126Kb / 10P
LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
logo
Sharp Corporation
PQ070XH02Z SHARP-PQ070XH02Z Datasheet
67Kb / 6P
Low Voltage Operation Low Power-Loss Voltage Regulator
logo
Littelfuse
P3100SCRP LITTELFUSE-P3100SCRP Datasheet
2Mb / 5P
Low voltage overshoot, Low on-state voltage, Low capacitance
logo
ON Semiconductor
LB1848MC-BH ONSEMI-LB1848MC-BH Datasheet
137Kb / 6P
Low-Voltage/Low Saturation Voltage Type
June, 2013
logo
Analog Devices
AD7719 AD-AD7719_15 Datasheet
515Kb / 40P
Low Voltage, Low Power
REV. A
logo
List of Unclassifed Man...
HP01-JK ETC2-HP01-JK Datasheet
203Kb / 7P
Low voltage, low power
HP01-TQ ETC2-HP01-TQ Datasheet
255Kb / 6P
Low voltage, low power
logo
Nanjing International G...
BCX54 DGNJDZ-BCX54 Datasheet
588Kb / 3P
Low Voltage
logo
ON Semiconductor
NCP4632 ONSEMI-NCP4632_17 Datasheet
608Kb / 14P
Low Voltage, Low Dropout Linear Voltage Regulator
February, 2017 ??Rev. 3
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com