Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4272 Datasheet(PDF) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

Part # 2SC4272
Description  Small size making it easy to provide high-density,small-sized
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKOSEMI [MAKO SEMICONDUCTOR CO.,LIMITED]
Direct Link  http://www.makosemi.hk/
Logo MAKOSEMI - MAKO SEMICONDUCTOR CO.,LIMITED

2SC4272 Datasheet(HTML) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

  2SC4272 Datasheet HTML 1Page - MAKO SEMICONDUCTOR CO.,LIMITED 2SC4272 Datasheet HTML 2Page - MAKO SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page:P2-P1
Plastic-Encapsulate Transistors
FEATURES
• Small size making it easy to provide high-density,small-sized
hybrid IC
s.
Marking: CH
Maximum Ratings (Ta=25
unless otherwise noted)
Parameter
Symbol
Value
Unit
Collector-Base Voltage
VCBO
75
V
Collector-Emitter Voltage
VCEO
45
V
Emitter-Base Voltage
VEBO
5
V
Collector Current -Continuous
IC
1
A
Collector Power dissipation
PC
0.5
W
Junction Temperature
TJ
150
Storage Temperature
Tstg
-55to +150
ELECTRICAL CHARACTERISTICS ( @ Ta=25
unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-base
breakdown
voltage
VCBO
IC=10uA,IE=0
75
V
Collector-emitter
breakdown
voltage
VCEO
IC=1mA,IB=0
45
V
Emitter-base
breakdown
voltage
VEBO
IE=10uA,IC=0
5
V
Collector
cut-off
current
ICBO
VCB=40V,IE=0
0.1
μA
Emitter
cut-off
current
IEBO
VEB=4V,IC=0
0.1
μA
DC current
gain
hFE
VCE=5V,IC=500mA
60
320
Collector-emitter
saturation
voltage
VCE(sat)
IC=0.5A,
IB=0.05A
0.2
0.6
V
Base-emitter
saturation
voltage
VBE(sat)
IC=0.5A,
IB=0.05A
0.9
1.2
V
Transition
frequency
fT
VCE=10V,Ic=50mA
180
250
MHz
Collector
output
capacitance
Cob
VCB=10V,IE=0,f=1MHz
15
pF
2SC4272 (NPN)
1. BASE
2. COLLECTO
SOT-89
3. EMITTER
MAKO Semiconductor Co., Limited 4008-378-873 http://www.makosemi.hk/


Similar Part No. - 2SC4272

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4272 SANYO-2SC4272 Datasheet
85Kb / 3P
27MHz CB Transceiver Driver Applications
logo
Guangdong Kexin Industr...
2SC4272 KEXIN-2SC4272 Datasheet
62Kb / 2P
NPN Epitaxial Planar Silicon Transistor
logo
GUANGDONG HOTTECH INDUS...
2SC4272 HOTTECH-2SC4272 Datasheet
184Kb / 2P
Plastic-Encapsulate Transistors
logo
Galaxy Semi-Conductor H...
2SC4272 BILIN-2SC4272 Datasheet
205Kb / 3P
NPN Epitaxial Planar Silicon Transistor
Rev.A
logo
Foshan Blue Rocket Elec...
2SC4272 FOSHAN-2SC4272 Datasheet
991Kb / 6P
Silicon NPN transistor in a SOT-89 Plastic Package
More results

Similar Description - 2SC4272

ManufacturerPart #DatasheetDescription
logo
MAKO SEMICONDUCTOR CO.,...
2SB1119 MAKOSEMI-2SB1119 Datasheet
113Kb / 2P
Very small size making it easy to provide
logo
TE Connectivity Ltd
V23101 TEC-V23101 Datasheet
1Mb / 4P
Small size permitting high packing density
W11-V23101 TEC-W11-V23101 Datasheet
1Mb / 4P
Small size permitting high packing density
logo
Carling Technologies
651122BBAN CARLINGTECH-651122BBAN Datasheet
581Kb / 4P
Small Sized Rocker Switches
62012421 CARLINGTECH-62012421 Datasheet
588Kb / 4P
Small-Sized Rocker Switches
62116919-0-9-V CARLINGTECH-62116919-0-9-V Datasheet
600Kb / 4P
Small-sized Rocker switches
logo
STANLEY ELECTRIC CO.,LT...
VFSY1112GS-3CY2D-TR STANLEY-VFSY1112GS-3CY2D-TR Datasheet
747Kb / 24P
Small-sized, high-brightness package
VFSR1112GS-3CX2A-TR STANLEY-VFSR1112GS-3CX2A-TR Datasheet
711Kb / 24P
Small-sized, high-brightness package
logo
Shanghai Leiditech Elec...
BZT52C3V3 LEIDITECH-BZT52C3V3 Datasheet
895Kb / 3P
Small package size suitable for high-density applications
BZT52C62 LEIDITECH-BZT52C62 Datasheet
895Kb / 3P
Small package size suitable for high-density applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com