Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC574ABQ Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LVC574ABQ
Description  Octal D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger 3-state
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC574ABQ Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVC574ABQ Datasheet HTML 1Page - NXP Semiconductors 74LVC574ABQ Datasheet HTML 2Page - NXP Semiconductors 74LVC574ABQ Datasheet HTML 3Page - NXP Semiconductors 74LVC574ABQ Datasheet HTML 4Page - NXP Semiconductors 74LVC574ABQ Datasheet HTML 5Page - NXP Semiconductors 74LVC574ABQ Datasheet HTML 6Page - NXP Semiconductors 74LVC574ABQ Datasheet HTML 7Page - NXP Semiconductors 74LVC574ABQ Datasheet HTML 8Page - NXP Semiconductors 74LVC574ABQ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
74LVC574A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 5 — 18 December 2012
3 of 19
NXP Semiconductors
74LVC574A
Octal D-type flip-flop; 5 V tolerance; positive edge-trigger; 3-state
Fig 3.
Functional diagram
mna800
3-STATE
OUTPUTS
FF1
to
FF8
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7 12
13
14
15
16
17
18
19
D0
D1
D2
D3
D4
D5
D6
D7
CP
OE
9
11
1
8
7
6
5
4
3
2
Fig 4.
Logic diagram
mna801
Q4
D4
Q3
D3
Q2
D2
Q1
D1
Q0
D0
D
FF1
Q
CP
CP
D
FF2
Q
CP
D
FF3
Q
CP
D
FF4
Q
CP
D
FF5
Q
CP
D
FF6
Q
CP
D
FF7
Q
CP
D
FF8
Q
CP
OE
Q5
D5
Q6
D6
Q7
D7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com