Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7461069 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 7461069
Description  with full plain Pin-Plate
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

7461069 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  7461069 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
142
www.we-online.com
02/11
Power Elements 90°
with full plain Pin-Plate
Characteristics
Prepared hole diameter:
1.60 mm
Final hole diameter
for HAL surface
1.45 mm ±0.05 mm
Final diameter for
chemical surfaces (e.g. tin)
1.475 mm ±0.05 mm
Not suitable for soldering
Available with hole or threads
Dimensions (mm)
Power Elements
Order Code
Four corners
a
(mm)
b
(mm)
c
(mm)
d
(mm)
e
f
g
Pins
Format
Type
746 106 6
7
17.5
3.5
4
M 3
3
5
9
I
746 111 0
7
17.5
3.5
4
3.2
3
5
9
I
746 111 1
9
17.5
3.5
5
M 4
3
5
16
J
746 106 7
9
17.5
3.5
5
4.2
3
5
16
J
746 111 2
9
17.5
3.5
5
M 5
3
5
16
J
746 111 3
9
17.5
3.5
5
5.2
3
5
16
J
746 111 4
13
23.5
3.5
8
M 6
3
8
25
K
746 111 5
13
23.5
3.5
8
6.2
3
8
25
K
746 106 8
13
23.5
3.5
8
M 8
3
8
25
K
746 111 6
13
23.5
3.5
8
8.2
3
8
25
K
746 111 7
16
28.5
3.5
10
M 10
3
10
36
L
746 106 9
16
28.5
3.5
10
10.2
3
10
36
L
Dimensions
Illustration of hole
I
Illustration of hole
K
Illustration of hole
J
Illustration of hole
L


Similar Part No. - 7461069

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7461060 WURTH-7461060 Datasheet
210Kb / 1P
Bushes with Pin-Plate Circumference
logo
List of Unclassifed Man...
7461061 ETC2-7461061 Datasheet
256Kb / 1P
Bushes and Shanks with full plain Pin-Plate
More results

Similar Description - 7461069

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7461001 ETC2-7461001 Datasheet
256Kb / 1P
Bushes and Shanks with full plain Pin-Plate
logo
Wurth Elektronik GmbH &...
7461148 WURTH-7461148 Datasheet
210Kb / 1P
Bushes with Pin-Plate Circumference
7461097 WURTH-7461097 Datasheet
83Kb / 1P
Bush with threaded hole M6 full plain Pin-Plate
7461001 WURTH-7461001 Datasheet
209Kb / 3P
REDCUBE PRESS-FIT with external thread and full plain pin-plate WPSHFU
001.002
7461096 WURTH-7461096 Datasheet
81Kb / 1P
Threaded shank M4 full plain Pin-Plate
7461099 WURTH-7461099 Datasheet
84Kb / 1P
Bush with threaded hole M8 full plain Pin-Plate
7461095 WURTH-7461095 Datasheet
83Kb / 1P
Bush with threaded hole M4 full plain Pin-Plate
7461383 WURTH-7461383 Datasheet
82Kb / 1P
Threaded shank M5 full plain Pin-Plate
7460719 WURTH-7460719 Datasheet
83Kb / 1P
Threaded shank M8 full plain Pin-Plate
7461111 WURTH-7461111 Datasheet
82Kb / 1P
Power Element 90째 with threaded hole M4 full plain Pin-Plate
2009/07/15
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com