Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR601 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # FR601
Description  6.0A FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FR601 Datasheet(HTML) 2 Page - Diodes Incorporated

  FR601 Datasheet HTML 1Page - Diodes Incorporated FR601 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DS26004 Rev. 5 - 3
2 of 2
FR601-FR607
www.diodes.com
0
2
4
6
8
0
25
50
75
100
125
150
175
T , AMBIENT TEMPERATURE (°C)
A
Fig.1, Typical Forward Current Derating Curve
10
100
200
110
100
NUMBER OF CYCLES AT 60Hz
Fig. 4, Maximum Non-Repetitive Surge Current
0.1
1
10
100
1000
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Fig. 3, Typical Instantaneous Forward Characteristics
0
100
200
300
400
500
600
110
100
NUMBER OF CYCLES AT 60 Hz
Fig. 2, Max Non-Repetitive Peak Surge Current
8.3ms Single Half Sine-Wave
JEDEC Method



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com