Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT74FCT646CD Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT74FCT646CD
Description  FAST CMOS OCTAL TRANSCEIVER/REGISTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT646CD Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT74FCT646CD Datasheet HTML 1Page - Integrated Device Technology IDT74FCT646CD Datasheet HTML 2Page - Integrated Device Technology IDT74FCT646CD Datasheet HTML 3Page - Integrated Device Technology IDT74FCT646CD Datasheet HTML 4Page - Integrated Device Technology IDT74FCT646CD Datasheet HTML 5Page - Integrated Device Technology IDT74FCT646CD Datasheet HTML 6Page - Integrated Device Technology IDT74FCT646CD Datasheet HTML 7Page - Integrated Device Technology IDT74FCT646CD Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
7.18
2
IDT54/74FCT646/A/C
FAST CMOS OCTAL TRANSCEIVER/REGISTER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
PIN CONFIGURATIONS
LCC
TOP VIEW
DIP/SOIC/CERPACK
TOP VIEW
FUNCTION TABLE
(2)
Inputs
Data I/O
(1)
Operation or Function
G
G
DIR
CPAB
CPBA
SAB
SBA
A1–A8
B1–B8
IDT54/74FCT646
H
X
H or L
H or L
X
X
Input
Input
Isolation
HX
↑↑
X
X
Store A and B Data
L
L
X
X
X
L
Output
Input
Real-Time B Data to A Bus
L
L
X
H or L
X
H
Stored B Data to A Bus
L
H
X
X
L
X
Input
Output
Real-Time A Data to B Bus
L
H
H or L
X
H
X
Stored A Data to B Bus
NOTES:
2536 tbl 02
1. The data output functions may be enabled or disabled by various signals at the
G or DIR inputs. Data input functions are always enabled, i.e., data at
the bus pins will be stored on every LOW-to-HIGH transition on the clock inputs.
2. H = HIGH, L = LOW, X = Don’t Care,
↑ = LOW-to-HIGH Transition.
PIN DESCRIPTION
Pin Names
Description
A1–A8
Data Register A Inputs
Data Register B Outputs
B1–B8
Data Register B Inputs
Data Register A Outputs
CPAB, CPBA
Clock Pulse Inputs
SAB, SBA
Output Data Source Select Inputs
DIR,
G
Output Enable Inputs
2536 tbl 01
LOGIC SYMBOL
5
6
7
8
9
10
11
12
GND
A1
A2
A3
1
2
3
4
24
23
22
21
20
19
18
17
Vcc
16
15
14
13
CPAB
P24-1,
D24-1,
S024-2
&
E24-1
B1
A4
A5
A6
SAB
DIR
A7
A8
CPBA
SBA
G
B2
B3
B4
B5
B6
B7
B8
2536 drw 06
CPAB
SAB
DIR
CPBA
SBA
G
A1
B1
A2
B2
A3
B3
A4
B4
A5
B5
A6
B6
A7
B7
A8
B8
5
6
7
8
9
10
11
L28-1
25
24
23
22
21
20
19
INDEX
2536 drw 02
B1
G
B2
B3
B4
B5
NC
A1
A2
A3
A4
A5
A6
NC
12 13 14 15 16 17 18
43
2
1
28 27 26



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com