Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT74FST163233 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT74FST163233
Description  16-BIT 2:1 MUX/DEMUX SWITCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FST163233 Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT74FST163233 Datasheet HTML 1Page - Integrated Device Technology IDT74FST163233 Datasheet HTML 2Page - Integrated Device Technology IDT74FST163233 Datasheet HTML 3Page - Integrated Device Technology IDT74FST163233 Datasheet HTML 4Page - Integrated Device Technology IDT74FST163233 Datasheet HTML 5Page - Integrated Device Technology IDT74FST163233 Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Integrated Device Technology, Inc.
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
FEATURES:
• Bus switches provide zero delay paths
• Extended commercial range of –40
°C to +85°C
• Low switch on-resistance:
FST163xxx – 7
Ω
• TTL-compatible input and output levels
• ESD > 2000V per MIL-STD-883, Method 3015;
> 200V using machine model (C = 200pF, R = 0)
• Available in SSOP, TSSOP and TVSOP
COMMERCIAL TEMPERATURE RANGE
AUGUST 1996
©1996 Integrated Device Technology, Inc.
DSC-3512/1
1
IDT74FST163233
ADVANCE INFORMATION
16-BIT 2:1 MUX/DEMUX
SWITCH
their own while providing a low resistance path for an external
driver. These devices connect input and output ports through
an n-channel FET. When the gate-to-source junction of this
FET is adequately forward-biased the device conducts and
the resistance between input and output ports is small. With-
out adequate bias on the gate-to-source junction of the FET,
the FET is turned off, therefore with no VCC applied, the device
has hot insertion capability.
The low on-resistance and simplicity of the connection
between input and output ports reduces the delay in this path
to close to zero.
The FST163233 provides three 16-bit TTL-compatible
ports that support 2:1 multiplexing. The SEL0,1 and TEST0,1
pins provide switch enable and mux select control as shown
below.
The A port can be connected to port 1B or port 2B or both
ports 1B and 2B.
PIN DESCRIPTION
FUNCTIONAL BLOCK DIAGRAM
SEL0
One of Eight
Channels
TEST0
0A1-8
2B1-8
1B1-8
SEL1
One of Eight
Channels
TEST1
1A9-16
2B9-16
1B9-16
Pin Names
I/O
Description
A, 1B, 2B
I/O
Buses A, 1B, 2B
SEL0-1,
TEST0-1
I
Control Pins for Mux and Switch
Enable Functions
3512 tbl 01
3512 drw 01
DESCRIPTION:
The FST163233 belongs to IDT's family of Bus switches.
Bus switch devices perform the function of connecting or
isolating two ports without providing any inherent current sink
or source capability. Thus they generate little or no noise of


Similar Part No. - IDT74FST163233

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74FST163233 RENESAS-IDT74FST163233 Datasheet
528Kb / 8P
16-BIT 2:1 MUX/DEMUX SWITCH
OCTOBER 2008
More results

Similar Description - IDT74FST163233

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FST163214 IDT-IDT74FST163214 Datasheet
80Kb / 6P
12-BIT 3:1 MUX/DEMUX SWITCH
IDT74FST163232 IDT-IDT74FST163232 Datasheet
88Kb / 6P
16-BIT SYNCHRONOUS 2:1 MUX/DEMUX SWITCH
logo
Pericom Semiconductor C...
PI5C3303 PERICOM-PI5C3303 Datasheet
55Kb / 3P
2:1 Mux/Demux Bus Switch
PI5C3303 PERICOM-PI5C3303 Datasheet
305Kb / 5P
SOTiny??2:1 Mux/DeMux Bus Switch
logo
Integrated Device Techn...
IDT74FST3257 IDT-IDT74FST3257 Datasheet
146Kb / 5P
QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Pericom Semiconductor C...
PI5C3257QE PERICOM-PI5C3257QE Datasheet
694Kb / 6P
Quad 2:1 Mux/DeMux Bus Switch
logo
Unisonic Technologies
US5C3257 UTC-US5C3257 Datasheet
139Kb / 6P
QUAD 2:1 MUX/DEMUX BUS SWITCH
US5C3257 UTC-US5C3257_15 Datasheet
139Kb / 6P
QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Pericom Semiconductor C...
PI5C3303 PERICOM-PI5C3303_09 Datasheet
415Kb / 5P
SOTiny 2:1 Mux/DeMux Bus Switch
logo
Renesas Technology Corp
IDT74FST163233 RENESAS-IDT74FST163233 Datasheet
528Kb / 8P
16-BIT 2:1 MUX/DEMUX SWITCH
OCTOBER 2008
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com