Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT74FST163383 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT74FST163383
Description  20-BIT BUS EXCHANGE SWITCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FST163383 Datasheet(HTML) 6 Page - Integrated Device Technology

  IDT74FST163383 Datasheet HTML 1Page - Integrated Device Technology IDT74FST163383 Datasheet HTML 2Page - Integrated Device Technology IDT74FST163383 Datasheet HTML 3Page - Integrated Device Technology IDT74FST163383 Datasheet HTML 4Page - Integrated Device Technology IDT74FST163383 Datasheet HTML 5Page - Integrated Device Technology IDT74FST163383 Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
IDT74FST163383, IDT74FST1632383
20-BIT BUS EXCHANGE SWITCH
COMMERCIAL TEMPERATURE RANGE
ORDERING INFORMATION
3474 drw 08
IDT
XX
Temp. Range
16 XX
Device Type
X
Package
74
–40
°C to +85°C
PV
PA
PF
163383
1632383
Shrink Small Outline Package (SO48-1)
Thin Shrink Small Outline Package (SO48-2)
Thin Very Small Outline Package (SO48-3)
20-Bit Bus Exchange Switch
FST



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com