Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L272 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L272
Description  DUAL POWER OPERATIONAL AMPLIFIERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L272 Datasheet(HTML) 3 Page - STMicroelectronics

  L272 Datasheet HTML 1Page - STMicroelectronics L272 Datasheet HTML 2Page - STMicroelectronics L272 Datasheet HTML 3Page - STMicroelectronics L272 Datasheet HTML 4Page - STMicroelectronics L272 Datasheet HTML 5Page - STMicroelectronics L272 Datasheet HTML 6Page - STMicroelectronics L272 Datasheet HTML 7Page - STMicroelectronics L272 Datasheet HTML 8Page - STMicroelectronics L272 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Vs
Supply Voltage
28
V
Vi
Input Voltage
Vs
Vi
Differential Input Voltage
± Vs
Io
DC Output Current
1
A
Ip
Peak Output Current (non repetitive)
1.5
A
Ptot
Power Dissipation at:
Tamb = 80
°C (L272), Tamb = 50°C (L272M), Tcase = 90 °C (L272D)
Tcase = 75
°C (L272)
1.2
5
W
W
Top
Operating Temperature Range (L272D)
– 40 to 85
°C
Tstg, Tj
Storage and Junction Temperature
– 40 to 150
°C
ELECTRICAL CHARACTERISTICS (VS = 24V, Tamb = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vs
Supply Voltage
4
28
V
Is
Quiescent Drain Current
VO
=
VS
2
Vs = 24V
Vs = 12V
8
7.5
12
11
mA
mA
Ib
Input Bias Current
0.3
2.5
µA
Vos
Input Offset Voltage
15
60
mV
Ios
Input Offset Current
50
250
nA
SR
Slew Rate
1
V/
µs
B
Gain-bandwidth Product
350
kHz
Ri
Input Resistance
500
k
Ω
Gv
O. L. Voltage Gain
f = 100Hz
f = 1kHz
60
70
50
dB
dB
eN
Input Noise Voltage
B = 20kHz
10
µV
IN
Input Noise Current
B = 20kHz
200
pA
CRR
Common Mode Rejection
f = 1kHz
60
75
dB
SVR
Supply Voltage Rejection
f = 100Hz, RG = 10k
Ω, VR = 0.5V
Vs = 24V
Vs =
± 12V
Vs =
± 6V
54
70
62
56
dB
Vo
Output Voltage Swing
Ip = 0.1A
Ip = 0.5A
21
23
22.5
V
V
Cs
Channel Separation
f = 1 kHz; RL =10
Ω, Gv = 30dB
Vs = 24V
Vs =
± 6V
60
60
dB
d
Distortion
f = 1kHz, Gv = 3 dB, Vs = 24V, RL =
∞
0.5
%
Tsd
Thermal Shutdown Junction
Temperature
145
°C
THERMAL DATA
Symbol
Parameter
Powerdip
SO16
Minidip
Unit
Rth j-case
Thermal Resistance Junction-pins
Max.
15
–
* 70
oC/W
Rth j-amb
Thermal Resistance Junction-ambient
Max.
70
–
100
oC/W
Rth j-alumina
Thermal Resistance Junction-alumina
Max.
–
** 50
–
oC/W
* Thermal resistance junction-pin 4
** Thermal resistance junctions-pins with the chip soldered on the middle of an alumina supporting substrate measuring
15x 20mm; 0.65mm thickness and infinite heatsink.
L272
3/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com