Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6258EX Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6258EX
Description  PWM controlled high current DMOS universal motor driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6258EX Datasheet(HTML) 1 Page - STMicroelectronics

  L6258EX Datasheet HTML 1Page - STMicroelectronics L6258EX Datasheet HTML 2Page - STMicroelectronics L6258EX Datasheet HTML 3Page - STMicroelectronics L6258EX Datasheet HTML 4Page - STMicroelectronics L6258EX Datasheet HTML 5Page - STMicroelectronics L6258EX Datasheet HTML 6Page - STMicroelectronics L6258EX Datasheet HTML 7Page - STMicroelectronics L6258EX Datasheet HTML 8Page - STMicroelectronics L6258EX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
December 2007
Rev 6
1/32
1
L6258EX
PWM controlled
high current DMOS universal motor driver
Features
■ Able to drive both windings of a bipolar stepper
motor or two DC motors
■ Output current up to 1.5A each winding
■ Wide voltage range: 12V to 40V
■ Four quadrant current control, ideal for
microstepping and DC motor control
■ Precision PWM control
■ No need for recirculation diodes
■ TTL/CMOS compatible inputs
■ Cross conduction protection
■ Thermal shutdow
Description
L6258EX is a dual full bridge for motor control
applications realized in BCD technology, with the
capability of driving both windings of a bipolar
stepper motor or bidirectionally control two DC
motors.
L6258EX and a few external components form a
complete control and drive circuit. It has high
efficiency phase shift chopping that allows a very
low current ripple at the lowest current control
levels, and makes this device ideal for steppers as
well as for DC motors.
The power stage is a dual DMOS full bridge
capable of sustaining up to 40V, and includes the
diodes for current recirculation.The output current
capability is 1.5A per winding in continuous mode,
with peak start-up current up to 2A. A thermal
protection circuitry disables the outputs if the chip
temperature exceeds the safe limits.
PowerSO36
Table 1.
Device summary
Order code
Package
Packing
E-L6258EX
PowerSO36
Tube
E-L6258EXTR
PowerSO36
Tape&Reel
www.st.com


Similar Part No. - L6258EX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6258EX STMICROELECTRONICS-L6258EX Datasheet
216Kb / 24P
PWM CONTROLLED - HIGH CURRENT DMOS UNIVERSAL MOTOR DRIVER
Sep-2004
L6258EX STMICROELECTRONICS-L6258EX Datasheet
307Kb / 32P
PWM controlled high current DMOS universal motor driver
03-Dec-2007
L6258EX STMICROELECTRONICS-L6258EX_07 Datasheet
307Kb / 32P
PWM controlled high current DMOS universal motor driver
03-Dec-2007
More results

Similar Description - L6258EX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6258 STMICROELECTRONICS-L6258 Datasheet
215Kb / 18P
PWM CONTROLLED - HIGH CURRENT DMOS UNIVERSAL MOTOR DRIVER
Apr-2000
L6258E STMICROELECTRONICS-L6258E Datasheet
216Kb / 24P
PWM CONTROLLED - HIGH CURRENT DMOS UNIVERSAL MOTOR DRIVER
Sep-2004
L6258EP STMICROELECTRONICS-L6258EP Datasheet
280Kb / 22P
PWM CONTROLLED - HIGH CURRENT DMOS UNIVERSAL MOTOR DRIVER
Jul-2005
L6258 STMICROELECTRONICS-L6258_07 Datasheet
314Kb / 32P
PWM controlled high current DMOS universal motor driver
22-Nov-2007
L6258E STMICROELECTRONICS-L6258E_07 Datasheet
308Kb / 31P
PWM controlled high current DMOS universal motor driver
03-Dec-2007
L6258EA STMICROELECTRONICS-L6258EA Datasheet
306Kb / 32P
PWM controlled high current DMOS universal motor driver
03-Dec-2007
L6258EP STMICROELECTRONICS-L6258EP_07 Datasheet
321Kb / 32P
PWM controlled high current DMOS universal motor driver
03-Dec-2007
L6258EX STMICROELECTRONICS-L6258EX_07 Datasheet
307Kb / 32P
PWM controlled high current DMOS universal motor driver
03-Dec-2007
logo
Shindengen Electric Mfg...
MTD2038G SHINDENGEN-MTD2038G Datasheet
111Kb / 6P
DMOS Microstepping PWM Motor Driver
MTD2038GE SHINDENGEN-MTD2038GE Datasheet
111Kb / 6P
DMOS Microstepping PWM Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com