Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN750SMP.E Datasheet(PDF) 8 Page - STMicroelectronics

Part # VN750SMP.E
Description  for car body applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN750SMP.E Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VN750SMP.E Datasheet HTML 4Page - STMicroelectronics VN750SMP.E Datasheet HTML 5Page - STMicroelectronics VN750SMP.E Datasheet HTML 6Page - STMicroelectronics VN750SMP.E Datasheet HTML 7Page - STMicroelectronics VN750SMP.E Datasheet HTML 8Page - STMicroelectronics VN750SMP.E Datasheet HTML 9Page - STMicroelectronics VN750SMP.E Datasheet HTML 10Page - STMicroelectronics VN750SMP.E Datasheet HTML 11Page - STMicroelectronics VN750SMP.E Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
7
HIGH-SIDE SWITCHES – QUAD CHANNEL
Part number
Package
Technology
Supply voltage (V
CC)
Absolute max
supply voltage
(V)
Max on-state
resistance
R
DS(on) max (mΩ)
Drain current
limit (I
lim) typ
(A)
Digital status
Current sense
Multi-sense
min (V)
max (V)
VNQ7140AJ-E
PowerSSO‑16
M0‑7
4
28
38
140
12
•
VNQ7050AJ-E (**)
PowerSSO‑16
M0‑7
4
28
38
50
27
•
VNQ7040AY-E (*)
PowerSSO‑36
M0‑7
4
28
38
40
34
•
VNQ5E160MK-E
PowerSSO‑24
M0‑5Enhanced (M vers.)
4.5
28
41
160
10
•
VNQ5E050MK-E
PowerSSO‑24
M0‑5Enhanced (M vers.)
4.5
28
41
50
27
•
VNQ5E250AJ-E
PowerSSO 16
M0‑5Enhanced
4.5
28
41
250
5
•
VNQ5E160AK-E
PowerSSO‑24
M0‑5Enhanced
4.5
28
41
160
10
•
VNQ5E160K-E
PowerSSO‑24
M0‑5Enhanced
4.5
28
41
160
10
•
VNQ5E050AK-E
PowerSSO‑24
M0‑5Enhanced
4.5
28
41
50
27
•
VNQ5E050K-E
PowerSSO‑24
M0‑5Enhanced
4.5
28
41
50
27
•
VNQ5160K-E
PowerSSO‑24
M0‑5
4.5
36
41
160
5
•
VNQ5050AK-E
PowerSSO‑24
M0‑5
4.5
36
41
50
18
•
VNQ5050K-E
PowerSSO‑24
M0‑5
4.5
36
41
50
18
•
VNQ5027AK-E
PowerSSO‑24
M0‑5
4.5
36
41
27
40
•
VNQ500PEP-E
PowerSSO‑12
M0‑3
5.5
36
41
500
0.6
•
VNQ810P-E
SO‑28
M0‑3
5.5
36
41
160
5
•
VNQ810PEP-E
PowerSSO‑24
M0‑3
5.5
36
41
160
7.5
•
VNQ05XSP16-E
PowerSO‑16
M0‑3
5.5
36
41
110
7.5
•
VNQ690SP-E
PowerSO‑10
M0‑3
6
36
41
90
14
•
VNQ830P-E
SO‑28
M0‑3
5.5
36
41
65
9
•
VNQ830PEP-E
PowerSSO‑24
M0‑3
5.5
36
41
60
18
•
VNQ660SP
PowerSO‑10
M0‑3
6
36
41
50
10
•
VNQ600AP-E
SO‑28
M0‑3
5.5
36
41
35
40
•
VNQ600P-E
SO‑28
M0‑3
5.5
36
41
35
40
•
(*) In development. Available in Q1/2014
(**) In development. Available in Q4/2014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com