Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3232 Datasheet(PDF) 13 Page - Tiger Electronic Co.,Ltd

Part # MAX3232
Description  3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1關F External Capacitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

MAX3232 Datasheet(HTML) 13 Page - Tiger Electronic Co.,Ltd

Back Button MAX3232 Datasheet HTML 8Page - Tiger Electronic Co.,Ltd MAX3232 Datasheet HTML 9Page - Tiger Electronic Co.,Ltd MAX3232 Datasheet HTML 10Page - Tiger Electronic Co.,Ltd MAX3232 Datasheet HTML 11Page - Tiger Electronic Co.,Ltd MAX3232 Datasheet HTML 12Page - Tiger Electronic Co.,Ltd MAX3232 Datasheet HTML 13Page - Tiger Electronic Co.,Ltd MAX3232 Datasheet HTML 14Page - Tiger Electronic Co.,Ltd MAX3232 Datasheet HTML 15Page - Tiger Electronic Co.,Ltd MAX3232 Datasheet HTML 16Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Operating Circuits (continued)
0.1 F
0.1 F
28
C1+
25
C1-
26
VCC
0.1
F
27
V+
+3.3V
0.1 F
0.1
F
28
24
C1+
C1-
26
VCC
27
V+
C3
*
0.1
F
0.1 F
LOGIC
INPUTS
1
C2+
3
C2-
24
T1IN
23
T2IN
22
T3IN
19
T4IN
17
T5IN
16
R1OUTB
MAX3237
T1
T2
T3
T4
T5
4
V-
T1OUT
5
T2OUT
6
T3OUT
7
T4OUT
10
T5OUT
12
0.1 F
RS-232
OUTPUTS
0.1 F
TTL/CMOS
INPUTS
1
C2+
2
C2-
14
T1IN
13
T2IN
12
T3IN
21
R1OUTB
20
R2OUTB
19
R1OUT
MAX3241
3
V-
T1OUT
9
T2OUT
10
T3OUT
11
R1IN
4
C4
0.1 F
RS-232
OUTPUTS
LOGIC
OUTPUTS
21
R1OUT
20
R2OUT
18
R3OUT
R1
R1IN
8
5k
R2
R2IN
9
5k
R3
R3IN
11
5k
RS-232
INPUTS
TTL/CMOS
OUTPUTS
18
R2OUT
17
R3OUT
16
R4OUT
15
R5OUT
5k
R2IN
5
5k
R3IN
6
5k
R4IN
7
5k
R5IN
8
RS-232
INPUTS
13
EN
GND
2
MBAUD
15
14
SHDN
23
EN
GND
25
5k
SHDN
22
* C3 CAN BE RETURNED TO EITHER VCC OR GROUND.
* C3 CAN BE RETURNED TO EITHER VCC OR GROUND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com