Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTA14 Datasheet(PDF) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

Part # MMBTA14
Description  Darlington Amplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKOSEMI [MAKO SEMICONDUCTOR CO.,LIMITED]
Direct Link  http://www.makosemi.hk/
Logo MAKOSEMI - MAKO SEMICONDUCTOR CO.,LIMITED

MMBTA14 Datasheet(HTML) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

  MMBTA14 Datasheet HTML 1Page - MAKO SEMICONDUCTOR CO.,LIMITED MMBTA14 Datasheet HTML 2Page - MAKO SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page:P2-P1
Plastic-Encapsulate Transistors
FEATURES
• Darlington Amplifier
Marking:
MMBTA13 :K2D
MMBTA14 :K3D
Maximum Ratings (Ta=25
unless otherwise noted)
Parameter
Symbol
Value
Unit
Collector-Base Voltage
VCBO
30
V
Collector-Emitter Voltage
VCEO
30
V
Emitter-Base Voltage
VEBO
10
V
Collector Current -Continuous
IC
0.3
A
Collector Power dissipation
PC
0.3
W
Junction Temperature
TJ
150
Storage Temperature
Tstg
-55to +150
Thermal Resistance Junction to Ambient
RθJA
417
/W
ELECTRICAL CHARACTERISTICS ( @ Ta=25
unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Max
Unit
Collector-base breakdown voltage
VCBO
IC= 100
μA,
IE=0
30
V
Collector-emitter breakdown voltage
VCEO
IC= 100uA, IB=0
30
V
Collector-emitter breakdown voltage
VEBO
IE= 100
μA, IC=0
10
V
Collector cut-off current
ICBO*
VCB=30 V ,
IE=0
0.1
μA
Emitter cut-off current
IEBO*
VEB= 10V ,
IC=0
0.1
μA
DC current gain
hFE(1) *
VCE=5V, IC= 10mA
MMBTA13
MMBTA14
5000
10000
hFE(2) *
VCE=5V, IC= 100mA
MMBTA13
MMBTA14
10000
20000
Collector-emitter saturation voltage
VCE (sat)*
IC=100mA, IB=0.1mA
1.5
V
Base-emitter saturation voltage
VBE (sat) *
IC=100mA, IB=0.1mA
2
V
Base-emitter voltage
VBE *
VCE=5V,IC= 100mA
2.0
V
Transition frequency
fT
VCE=5V,
IC= 10mA ,
f=100MHz
125
MHz
Collector output capacitance
Cob
VCB=10V,IE=0,f=1MHz
12
pF
* Pulse Test : pulse width≤300μs,duty cycle≤2%.
MMBTA13/14 (NPN)
1. BASE
2. EMITTER
SOT-23
3. COLLECTO
MAKO Semiconductor Co., Limited 4008-378-873
http://www.makosemi.hk/


Similar Part No. - MMBTA14

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMBTA14 TRSYS-MMBTA14 Datasheet
139Kb / 1P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
logo
Samsung semiconductor
MMBTA14 SAMSUNG-MMBTA14 Datasheet
28Kb / 1P
NPN (DARLINGTON AMPLIFIER TRANSISTOR)
logo
Fairchild Semiconductor
MMBTA14 FAIRCHILD-MMBTA14 Datasheet
55Kb / 3P
NPN Darlington Transistor
logo
Diodes Incorporated
MMBTA14 DIODES-MMBTA14 Datasheet
47Kb / 2P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
DS30047 Rev. 4 - 2
logo
KEC(Korea Electronics)
MMBTA14 KEC-MMBTA14 Datasheet
65Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, DARLINGTON TRANSISTOR)
More results

Similar Description - MMBTA14

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBTA13LT1 MOTOROLA-MMBTA13LT1 Datasheet
235Kb / 8P
Darlington Amplifier Transistors
logo
Fairchild Semiconductor
KST13 FAIRCHILD-KST13 Datasheet
52Kb / 4P
Darlington Amplifier Transistor
logo
Micro Electronics
2N5307 MICRO-ELECTRONICS-2N5307 Datasheet
91Kb / 2P
NPN DARLINGTON AMPLIFIER
logo
Leshan Radio Company
LMBTA13LT1 LRC-LMBTA13LT1 Datasheet
220Kb / 6P
Darlington Amplifier Transistors
logo
ON Semiconductor
MMBTA13LT1 ONSEMI-MMBTA13LT1_06 Datasheet
74Kb / 6P
Darlington Amplifier Transistors
January, 2006 ??Rev. 2
logo
WILLAS ELECTRONIC CORP
MMBTA1XLT1 WILLAS-MMBTA1XLT1 Datasheet
446Kb / 6P
Darlington Amplifier Transistors
logo
Fairchild Semiconductor
KST13MTF FAIRCHILD-KST13MTF Datasheet
58Kb / 4P
Darlington Amplifier Transistor
logo
Leshan Radio Company
LMBTA13LT1G LRC-LMBTA13LT1G_15 Datasheet
330Kb / 6P
Darlington Amplifier Transistors
LMBTA14LT1G LRC-LMBTA14LT1G_15 Datasheet
338Kb / 6P
Darlington Amplifier Transistors
logo
ON Semiconductor
MMBTA13LT1 ONSEMI-MMBTA13LT1_16 Datasheet
194Kb / 6P
Darlington Amplifier Transistors
October, 2016 ??Rev. 6
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com