Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4995J Datasheet(PDF) 22 Page - STMicroelectronics

Part # L4995J
Description  for car body applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4995J Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L4995J Datasheet HTML 14Page - STMicroelectronics L4995J Datasheet HTML 15Page - STMicroelectronics L4995J Datasheet HTML 16Page - STMicroelectronics L4995J Datasheet HTML 17Page - STMicroelectronics L4995J Datasheet HTML 18Page - STMicroelectronics L4995J Datasheet HTML 19Page - STMicroelectronics L4995J Datasheet HTML 20Page - STMicroelectronics L4995J Datasheet HTML 21Page - STMicroelectronics L4995J Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
21
OMNIFET PART NUMBERING SCHEME
Package
S
SO‑8
D
DPAK
B
D²PAK
P
TO‑220
N
SOT‑223
V
PowerSO‑10
D
Dual channel
Blank
Single channel
VN
X
n
N
x
O
n
x
V
M0‑3
Blank
M0‑2
VIPower technology
Current limitation (A)
Voltage clamp
4
45 V, 42 V
6
60 V
OMNIFET III PART NUMBERING SCHEME
D
Dual channel
Blank
Single channel
VN
L
x
5
xxx
xx
-E
VIPower technology
OMNIFET III
M0‑5 technology
R
DS(on) value
Example:
050
50 mohm
Package
Blank
SO‑8 D.I.
S5
SO‑8 S.I.
N3
SOT‑223
‑E
Leadfree



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com