Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP07CD Datasheet(PDF) 4 Page - Tiger Electronic Co.,Ltd

Part # OP07CD
Description  PRECISION OPERATIONAL AMPLIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

OP07CD Datasheet(HTML) 4 Page - Tiger Electronic Co.,Ltd

  OP07CD Datasheet HTML 1Page - Tiger Electronic Co.,Ltd OP07CD Datasheet HTML 2Page - Tiger Electronic Co.,Ltd OP07CD Datasheet HTML 3Page - Tiger Electronic Co.,Ltd OP07CD Datasheet HTML 4Page - Tiger Electronic Co.,Ltd OP07CD Datasheet HTML 5Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
OP07 CP / DP , CDR / DDR
operating characteristics, VCC
± = ±15 V, TA = 25°C
PARAMETER
TEST
CONDITIONS†
OP07C
OP07D
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
Vn
Equivalent input noise voltage
f = 10 Hz
10.5
10.5
nV/Hz
f = 100 Hz
10.2
10.3
f = 1 kHz
9.8
9.8
VN(PP) Peak-to-peak equivalent input noise voltage
f = 0.1 Hz to 10 Hz
0.38
0.38
V
In
Equivalent input noise current
f = 10 Hz
0.35
0.35
pA/Hz
f = 100 Hz
0.15
0.15
f = 1 kHz
0.13
0.13
IN(PP)
Peak-to-peak equivalent input noise current
f = 0.1 Hz to 10 Hz
15
15
pA
SR
Slew rate
RL ε 2 k
0.3
0.3
V/ s
† All characteristics are measured under open-loop conditions with zero common-mode input voltage unless otherwise noted.
electrical characteristics, VCC
± = ±15 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
OP07Y
UNIT
MIN
TYP
MAX
VIO
Input offset voltage
RS = 50
60
150
V
Long-term drift of input offset voltage
See Note 6
0.5
V/mo
Offset adjustment range
RS = 20 k ,
See Figure 1
±4
mV
IIO
Input offset current
0.8
6
nA
IIB
Input bias current
±2
±12
nA
VICR
Common-mode input voltage range
±13
± 14
V
VOM
Peak output voltage
RL δ 10 k
±12
± 13
V
RL δ 2 k
± 11.5 ± 12.8
RL δ 1 k
±12
AVD
Large-signal differential voltage amplification
VCC
± = ± 3 V, VO = ± 0.5 V,
RL δ 500 k
400
VO = ± 10 V,
RL = 2 k
120
400
B1
Unity-gain bandwidth
0.4
0.6
MHz
ri
Input resistance
7
31
M
CMRR
Common-mode input resistance
VIC = ± 13 V,
RS = 50
94
110
dB
kSVS
Supply-voltage rejection ratio ( VCC/ VIO)
VCC
± = ± 3 V to ± 18 V,
RS = 50
7
32
V/V
PD
Power dissipation
VO = 0,
No load
80
150
M
VCC
± = ± 3 V, VO = 0,
No load
4
8



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com