Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA812 Datasheet(PDF) 2 Page - Guilin Strong Micro-Electronics Co., Ltd.

Part # 2SA812
Description  PNP General Purpose Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSME [Guilin Strong Micro-Electronics Co., Ltd.]
Direct Link  http://www.gsme.com.cn
Logo GSME - Guilin Strong Micro-Electronics Co., Ltd.

2SA812 Datasheet(HTML) 2 Page - Guilin Strong Micro-Electronics Co., Ltd.

  2SA812 Datasheet HTML 1Page - Guilin Strong Micro-Electronics Co., Ltd. 2SA812 Datasheet HTML 2Page - Guilin Strong Micro-Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
桂 林 斯 壯 微 電 子 有 限 責 任 公 司
Guilin Strong Micro-Electronics Co.,Ltd.
GMA812(销售型號 2SA812)
■
DEVICE MARKING 打標
GMA812(销售型號 2SA812)=M4-M7
HFE:90-180=M4 135-270=M5 200-400=M6 300-600=M7
■
ELECTRICAL CHARACTERISTICS 電特性
(TA=25℃ unless otherwise noted 如無特殊說明,溫度爲 25℃)
Characteristic
特性參數
Symbol
符號
Min
最小值
Type
典型值
Max
最大值
Unit
單位
■
OFF CHARACTERISTICS 截止電特性
Emitter Cutoff Current
發射極截止電流
(VEB=-5.0v,IC=0)
IEBO
—
—
-0.1
μ
A
Collector Cutoff Current
集電極截止電流
(VCB=-60v,IE=0)
ICBO
—
—
-0.1
μ
A
Collector to Emitter Saturation Voltage
集電極飽和壓降
(Ic=-100mAdc,IB=-10mA)
VCE(sat)
—
-0.18
-0.3
Vdc
Base to Emitter Saturation Voltage
基極飽和壓降
(Ic=-100mAdc,IB=-10mA)
VBE(sat)
—
—
-1.0
Vdc
Base to Emitter Voltage
基極
-發射極電壓(VCE=-6.0v,IC=-1.0mA)
VBE
-0.58
-0.62
-0.68
Vdc
DC Current Gain 直流電流增益
(VCE=-6.0v,IC=-1.0mA)
HFE
90
—
600
Gain Bandwidth Product
增益帶寬乘積
(VCE=-6.0v,IC=-1.0mA)
fT
—
180
—
MHz
Output Capacitance
輸出電容
(VCB=-10v,IE=0,f=1.0MHz)
Cob
—
4.5
—
pF
1. FR-5=1.0×0.75×0.062in.
2. Alumina=0.4×0.3×0.024in.99.5%alumina.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com