Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1010 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # P1010
Description  QorIQ P1010 and P1014 Processor Block Diagram
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P1010 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  P1010 Datasheet HTML 1Page - Freescale Semiconductor, Inc P1010 Datasheet HTML 2Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
For more information about QorIQ products, visit freescale.com/QorIQ
Freescale, the Freescale logo, PowerQUICC and QorIQ are trademarks of Freescale Semiconductor, Inc., Reg. U.S. Pat. & Tm. Off.
All other product or service names are the property of their respective owners. The Power Architecture and Power.org word marks
and the Power and Power.org logos and related marks are trademarks and service marks licensed by Power.org.
© 2010, 2013 Freescale Semiconductor, Inc.
Document Number: QP1010FS REV 1
Security Engine
The QorIQ security engine (SEC) is optimized
to handle all the algorithms associated with
IPSec, IEEE Std. 802.11i™ standard, and iSCSI.
The security engine also supports booting to a
known good state, untamperable boot code,
key storage, I/O protection, and secure debug.
The SEC is a modular and scalable security
core optimized to process all the algorithms
associated with IPsec, IKE, SSL/TLS,
iSCSI, SRTP, IEEE Std. 802.11i™, IEEE Std.
802.16™ (WiMAX), and IEEE Std. 802.1AE
(MACSec). The SEC is designed to perform
multi-algorithmic operations (for example,
3DES-HMAC-SHA-1) in a single pass of the
data. The security coprocessor in the QorIQ
P1010 processor is capable of performing
single-pass security cryptographic processing
for SSL 3.0, SSL 3.1/TLS 1.0, IPSec, SRTP,
and IEEE Std. 802.11i.
SEC Features
• XOR engine for parity checking in RAID
storage applications
• Four crypto-channels, each supporting
multi-command descriptor chains
Cryptographic Execution Units:
• PKHA (public key hardware accelerator)
• DESA (DES accelerator)
• AESA (AES accelerator)
• MDHA (message digest hardware
accelerator)
• RNG (random number generator)
• AFHA (ARC four hardware accelerator)
• STHA (SNOW 3G f8 and f9 hardware
accelerators)
• CRCA (cyclic redundancy check
accelerator)
• KFHA (Kasumi hardware accelerator)
Dual FlexCAN controllers
Two FlexCAN (revision 2.0B) controllers provide
a standard interface for implementing industrial
protocols. Each FlexCAN controller has the
following features:
• Programmable bit rates up to 1 Mb/s
• Standard data and remote frames
• Extended data and remote frames
• Up to eight bytes data length
• Up to 64 message buffers (MB), each
configurable as Rx or Tx
• Individual Rx mask registers per message
buffers
• Rx FIFO with storage capacity of six frames
and internal pointer handling
• Rx FIFO ID filtering
• Time stamp based on 16-bit free running
timer
Technical Specifications
• Single e500 core, built on Power
Architecture® technology
36-bit physical addressing
Double-precision floating-point support
32 KB L1 instruction cache and 32 KB
L1 data cache
533 MHz to 800 MHz core clock
frequency
• 256 KB L2 cache with ECC, also
configurable as SRAM and stashing
memory
• Three 10/100/1000 Mb/s enhanced three-
speed Ethernet controllers (eTSECs)
TCP/IP acceleration and classification
capabilities
IEEE® 1588 support
Lossless flow control
RGMII, SGMII
• High-speed interfaces (not all available
simultaneously)
Six SerDes to 3.125 GHz multiplexed
across controllers
Two PCI Express controllers
Two SGMII interfaces
Two SATA interfaces
• One USB controller (USB 2.0) with
integrated PHY, host, OTG and device
support
• Serial peripheral interface
• Trusted boot platform, integrated security
engine (SEC 4.0)
Crypto algorithm support includes
3DES, AES, RSA/ECC, MD5/
SHA, ARC4, Snow 3G and FIPS
deterministic RNG
Single pass encryption/message
authentication for common security
protocols (IPsec, SSL, SRTP, WiMAX)
XOR acceleration
• 16/32-bit DDR3/DDR3L SDRAM memory
controller with ECC support
• Four-channel DMA controller
• Two I2C controllers, two DUARTs, timers
• Integrated flash controller with enhanced
capabilities to support large pages
• 32 general-purpose I/O signals
• Package: 425-pin TEPBGA1, 0.8 mm pitch,
19 mm x 19 mm
Software and Tools Support
• Enea®: Real-time operating system support
• Green Hills®: Complete portfolio of
software and hardware development tools,
trace tools and real-time operating systems
• Mentor Graphics®: Commercial grade Linux®
solution
• P1010 reference design board (RDB)
QorIQ P1010 and P1014 Comparison
QorIQ Device
Top Core Frequency
L2 Size
DDR 3 Support
GE Ports
SATA
PCI Express®
Security
CAN
P1010
1000 MHz
256 KB
16/32-bit @ 800 MHz
3
2
2
Trusted
2
P1014
800 MHz
256 KB
16-bit @ 800 MHz
2
2
2
No
No



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com