Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTA43 Datasheet(PDF) 1 Page - Guilin Strong Micro-Electronics Co., Ltd.

Part # MMBTA43
Description  NPN High Voltage Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSME [Guilin Strong Micro-Electronics Co., Ltd.]
Direct Link  http://www.gsme.com.cn
Logo GSME - Guilin Strong Micro-Electronics Co., Ltd.

MMBTA43 Datasheet(HTML) 1 Page - Guilin Strong Micro-Electronics Co., Ltd.

  MMBTA43 Datasheet HTML 1Page - Guilin Strong Micro-Electronics Co., Ltd. MMBTA43 Datasheet HTML 2Page - Guilin Strong Micro-Electronics Co., Ltd. MMBTA43 Datasheet HTML 3Page - Guilin Strong Micro-Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
桂 林 斯 壯 微 電 子 有 限 責 任 公 司
Guilin
Guilin
Guilin
Guilin Strong
Strong
Strong
Strong Micro-Electronics
Micro-Electronics
Micro-Electronics
Micro-Electronics Co.,Ltd.
Co.,Ltd.
Co.,Ltd.
Co.,Ltd.
GMBTA42(销售型號 MMBTA42) GMBTA43(销售型號 MMBTA43)
■
FEATURES
FEATURES
FEATURES
FEATURES 特點
NPN
High Voltage Transistor
■MAXIMUM
MAXIMUM
MAXIMUM
MAXIMUM RATINGS
RATINGS
RATINGS
RATINGS 最大額定值
Characteristic 特性參數
Symbol 符號
GMBTA42
GMBTA43
Unit 單位
Collector-Emitter Voltage
集電極-射極電壓
VCEO
300
200
Vdc
Collector-Base Voltage
集電極-極電壓
VCBO
300
200
Vdc
Emitter-Base Voltage
發射極基極電壓
VEBO
6.0
6.0
Vdc
Collector Current-Continuous
集極電流-連續
Ic
500
500
mAdc
■
THERMAL
THERMAL
THERMAL
THERMAL CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS 熱特性
Characteristic 特性參數
Symbol 符號
Max 最大值
Unit 單位
Total Device Dissipation 總耗散功率
Board(1)
TA
=25℃環境溫度 25℃
Derate above25℃ 超過 25℃遞減
PD
225
1.8
mW
mW/℃
Thermal Resistance Junction to Ambient 熱阻
R
ΘJA
556
℃/W
Total Device Dissipation 總耗散功率
Alumina Substrate 氧化鋁襯底(2)TA
=25℃
Derate above25℃ 超過 25℃遞減
PD
300
2.4
mW
mW/℃
Thermal Resistance Junction to Ambient 熱阻
R
ΘJA
417
℃/W
Junction and Storage Temperature
結溫和儲存溫度
TJ,Tstg
150℃, -55to+150℃
■
DEVICE
DEVICE
DEVICE
DEVICE
MARKING
MARKING
MARKING
MARKING 打標
GMBTA42(销售型號 MMBTA42)=1D;GMBTA43(销售型號 MMBTA43)=M1E


Similar Part No. - MMBTA43

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
MMBTA43 ZOWIE-MMBTA43 Datasheet
57Kb / 3P
HIGH VOLTAGE TRANSISTOR NPN SILICON
logo
Samsung semiconductor
MMBTA43 SAMSUNG-MMBTA43 Datasheet
65Kb / 2P
NPN (HIGH VOLTAGE TRANSISTOR)
logo
Fairchild Semiconductor
MMBTA43 FAIRCHILD-MMBTA43 Datasheet
27Kb / 3P
NPN High Voltage Amplifier
logo
KEC(Korea Electronics)
MMBTA43 KEC-MMBTA43 Datasheet
290Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH VOLTAGE, TELEPHONE)
logo
Comchip Technology
MMBTA43 COMCHIP-MMBTA43 Datasheet
79Kb / 3P
High Voltage Transistors
More results

Similar Description - MMBTA43

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBT5550 SAMSUNG-MMBT5550 Datasheet
74Kb / 2P
NPN (HIGH VOLTAGE TRANSISTOR)
logo
Taiwan Semiconductor Co...
TS13003HV TSC-TS13003HV Datasheet
51Kb / 3P
High Voltage NPN Transistor
TS13007 TSC-TS13007 Datasheet
39Kb / 2P
High Voltage NPN Transistor
logo
Unisonic Technologies
2SC5353B UTC-2SC5353B Datasheet
246Kb / 4P
HIGH VOLTAGE NPN TRANSISTOR
logo
Taiwan Semiconductor Co...
TSC742A TSC-TSC742A Datasheet
409Kb / 6P
High Voltage NPN Transistor
logo
Unisonic Technologies
PZTA44 UTC-PZTA44_12 Datasheet
112Kb / 4P
NPN HIGH VOLTAGE TRANSISTOR
logo
Taiwan Semiconductor Co...
TS13003A TSC-TS13003A_14 Datasheet
388Kb / 5P
High Voltage NPN Transistor
logo
Unisonic Technologies
PZTA45 UTC-PZTA45_15 Datasheet
112Kb / 4P
NPN HIGH VOLTAGE TRANSISTOR
logo
Nanjing International G...
PZTA44G DGNJDZ-PZTA44G Datasheet
118Kb / 4P
NPN HIGH VOLTAGE TRANSISTOR TRANSISTOR
logo
Nexperia B.V. All right...
MMBTA42-Q NEXPERIA-MMBTA42-Q Datasheet
181Kb / 7P
NPN high-voltage transistor
9 August 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com