Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS2302 Datasheet(PDF) 1 Page - Guilin Strong Micro-Electronics Co., Ltd.

Part # GMS2302
Description  N-Channel Enhancement-Mode MOSFETs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSME [Guilin Strong Micro-Electronics Co., Ltd.]
Direct Link  http://www.gsme.com.cn
Logo GSME - Guilin Strong Micro-Electronics Co., Ltd.

GMS2302 Datasheet(HTML) 1 Page - Guilin Strong Micro-Electronics Co., Ltd.

  GMS2302 Datasheet HTML 1Page - Guilin Strong Micro-Electronics Co., Ltd. GMS2302 Datasheet HTML 2Page - Guilin Strong Micro-Electronics Co., Ltd. GMS2302 Datasheet HTML 3Page - Guilin Strong Micro-Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
桂 林 斯 壯 微 電 子 有 限 責 任 公 司
Guilin
Guilin
Guilin
Guilin
Strong
Strong
Strong
Strong
Micro-Electronics
Micro-Electronics
Micro-Electronics
Micro-Electronics
Co.,Ltd.
Co.,Ltd.
Co.,Ltd.
Co.,Ltd.
GMS2302
SOT-23 場效應晶體管(SOT-23 Field Effect Transistors)
N
N
N
N
-Channel
-Channel
-Channel
-Channel
Enhancement-Mode
Enhancement-Mode
Enhancement-Mode
Enhancement-Mode
MOS
MOS
MOS
MOS
FETs
FETs
FETs
FETs
N
N
N
N
沟道增强型 MOS
MOS
MOS
MOS
场效应管
■
MAXIMUM
MAXIMUM
MAXIMUM
MAXIMUM
RATINGS
RATINGS
RATINGS
RATINGS
最大額定值
■
DEVICE
DEVICE
DEVICE
DEVICE
MARKING
MARKING
MARKING
MARKING
打標
Characteristic 特性參數
Symbol 符號
Max 最大值
Unit 單位
Drain-Source Voltage
漏極-源極電壓
BVDSS
16
V
Gate- Source Voltage
栅極-源極電壓
VGS
+8
V
Drain Current (continuous)
漏極電流-連續
ID
2.6
A
Drain Current (pulsed)
漏極電流-脉冲
IDM
10
A
Total Device Dissipation
總耗散功率
TA=25℃環境溫度爲 25℃
PD
450
mW
Junction 結溫
TJ
150
℃
Storage Temperature 儲存溫度
T
stg
-55to+150
℃
GM
GM
GM
GM
S2302
S2302
S2302
S2302
=
=
=
=
A2
A2
A2
A2


Similar Part No. - GMS2302

ManufacturerPart #DatasheetDescription
logo
Guilin Strong Micro-Ele...
GMS2301 GSME-GMS2301 Datasheet
268Kb / 3P
P-Channel Enhancement-Mode MOSFETs
More results

Similar Description - GMS2302

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF5S19130R3 MOTOROLA-MRF5S19130R3 Datasheet
417Kb / 12P
N-Channel Enhancement-Mode Lateral MOSFETs
logo
Freescale Semiconductor...
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
442Kb / 12P
N-Channel Enhancement-Mode Lateral MOSFETs
logo
Advanced Power Technolo...
ARF460A ADPOW-ARF460A Datasheet
78Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFETs
logo
Freescale Semiconductor...
MRF6V2300N FREESCALE-MRF6V2300N Datasheet
208Kb / 8P
N-Channel Enhancement-Mode Lateral MOSFETs
MRF5S4125NR1 FREESCALE-MRF5S4125NR1 Datasheet
524Kb / 15P
N-Channel Enhancement-Mode Lateral MOSFETs
MRFE6S9125NR1 FREESCALE-MRFE6S9125NR1 Datasheet
598Kb / 18P
N-Channel Enhancement-Mode Lateral MOSFETs
logo
Bruckewell Technology L...
BW3402 BWTECH-BW3402 Datasheet
524Kb / 5P
N-Channel Enhancement-Mode MOSFETs
logo
Dongguan City Niuhang E...
2N7002 NIUHANG-2N7002 Datasheet
2Mb / 4P
N-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
IXYS Corporation
IXTT52N30P IXYS-IXTT52N30P_V01 Datasheet
146Kb / 6P
N-Channel Enhancement Mode Power MOSFETs
logo
NXP Semiconductors
AFT20P060-4NR3 NXP-AFT20P060-4NR3 Datasheet
557Kb / 16P
N--Channel Enhancement--Mode Lateral MOSFETs
Rev. 1, 12/2013
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com