Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR1060CT Datasheet(PDF) 1 Page - Guilin Strong Micro-Electronics Co., Ltd.

Part # MBR1060CT
Description  10A60V Schottky Rectifier
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSME [Guilin Strong Micro-Electronics Co., Ltd.]
Direct Link  http://www.gsme.com.cn
Logo GSME - Guilin Strong Micro-Electronics Co., Ltd.

MBR1060CT Datasheet(HTML) 1 Page - Guilin Strong Micro-Electronics Co., Ltd.

  MBR1060CT Datasheet HTML 1Page - Guilin Strong Micro-Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
桂 林 斯 壯 微 電 子 有 限 責 任 公 司
Guilin
Guilin
Guilin
Guilin Strong
Strong
Strong
Strong Micro-Electronics
Micro-Electronics
Micro-Electronics
Micro-Electronics Co.,Ltd.
Co.,Ltd.
Co.,Ltd.
Co.,Ltd.
MBR1060CT
10A
10A
10A
10A 60V
60V
60V
60V S
S
S
Schottky
chottky
chottky
chottky Rectifier
Rectifier
Rectifier
Rectifier 肖特基整流管
▉
F
F
F
Features
eatures
eatures
eatures 特點
Low forward voltage drop 低正向電壓落差
Excellent high temperature stability 优秀高温稳定性
Advanced Schottky technology 先进肖特基技术
Soft,fast switching capability 软、快开关能力
▉
Internal
Internal
Internal
Internal Schematic
Schematic
Schematic
Schematic Diagram
Diagram
Diagram
Diagram 内部结构
▉
Absolute
Absolute
Absolute
Absolute Maximum
Maximum
Maximum
Maximum Ratings
Ratings
Ratings
Ratings 最大额定值
(T
(T
(T
(TJJJJ
=
=
=
=25
25
25
25℃ unless
unless
unless
unless otherwise
otherwise
otherwise
otherwise noted
noted
noted
noted 如無特殊說明,溫度爲 25℃))))
Characteristic Parameter 特性參數
Symbol 符號
Limit 极限值 Unit 單位
Peak repetitive reverse voltage 反向可重复峰值電压
Working peak reverse voltage 反向工作峰值電压
DC reverse voltage 反向直流電压
VRRM
VRWM
VRM
60
V
Average forward current 平均正向電流(Per leg 每脚)
(@TC=110℃)
(Total 总共)
IF
5
10
A
Non-repetitive peak forward surge Current
不重复峰值正向浪涌電流
IFSM
125
A
▉
Thermal
Thermal
Thermal
Thermal Characteristics
Characteristics
Characteristics
Characteristics 热特性
Thermal resistance junction to case 热阻(Per leg 每脚)
RθJC
3.0
℃/W
Junction and storage temperature 結溫和儲藏溫度
TJ,Tstg
-40to+150
℃
▉
E
E
E
Electerical
lecterical
lecterical
lecterical C
C
C
Characteristics
haracteristics
haracteristics
haracteristics 電特性
(T
(T
(T
(TJJJJ
=
=
=
=25
25
25
25℃ unless
unless
unless
unless otherwise
otherwise
otherwise
otherwise noted
noted
noted
noted 如無特殊說明,溫度爲 25℃))))
Characteristic Parameter
特性參數
Symbol
符號
Min
最小值
Typ
典型值
Max
最大值
Unit
單位
Forward voltage 正向電壓
(@IF=3A)
(Per leg 每脚)
(@IF=5A)
VF
—
0.53
0.6
0.6
0.65
V
Reverse leakage current 反向漏電流(@VR=60V)
(Per leg 每脚)
(@VR=60V,TJ
=125℃)
IR
—
—
0.1
10
mA


Similar Part No. - MBR1060CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR1060CT DIODES-MBR1060CT Datasheet
64Kb / 2P
10A SCHOTTKY BARRIER RECTIFIER
DS30027 Rev. A-2
logo
Micro Commercial Compon...
MBR1060CT MCC-MBR1060CT Datasheet
647Kb / 2P
10 Am p Schott ky Barrier Rectifier 30-60 Volts
logo
Diodes Incorporated
MBR1060CT DIODES-MBR1060CT Datasheet
77Kb / 2P
10A SCHOTTKY BARRIER RECTIFIER
DS30027 Rev. 2 - 2
logo
Taiwan Semiconductor Co...
MBR1060CT TSC-MBR1060CT Datasheet
99Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
MBR1060CT TSC-MBR1060CT Datasheet
169Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - MBR1060CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com