Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT74FCT646CSOB Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT74FCT646CSOB
Description  FAST CMOS OCTAL TRANSCEIVER/REGISTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT646CSOB Datasheet(HTML) 6 Page - Integrated Device Technology

  IDT74FCT646CSOB Datasheet HTML 1Page - Integrated Device Technology IDT74FCT646CSOB Datasheet HTML 2Page - Integrated Device Technology IDT74FCT646CSOB Datasheet HTML 3Page - Integrated Device Technology IDT74FCT646CSOB Datasheet HTML 4Page - Integrated Device Technology IDT74FCT646CSOB Datasheet HTML 5Page - Integrated Device Technology IDT74FCT646CSOB Datasheet HTML 6Page - Integrated Device Technology IDT74FCT646CSOB Datasheet HTML 7Page - Integrated Device Technology IDT74FCT646CSOB Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
7.18
6
IDT54/74FCT646/A/C
FAST CMOS OCTAL TRANSCEIVER/REGISTER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
54/74FCT646
54/74FCT646A
54/74FCT646C
Com’l.
Mil.
Com’l.
Mil.
Com’l.
Mil.
Symbol
Parameter
Condition
(1)
Min.
(2) Max. Min.(2) Max. Min.(2) Max. Min.(2) Max. Min.(2) Max. Min.(2) Max. Unit
tPLH
Propagation
CL = 50 pF
2.0
9.0
2.0
11.0
2.0
6.3
2.0
7.7
1.5
5.4
1.5
6.0
ns
tPHL
Delay
RL = 500
Ω
Bus to Bus
tPZH
Output Enable
2.0
14.0
2.0
15.0
2.0
9.8
2.0
10.5
1.5
7.8
1.5
8.9
ns
tPZL
Time
G, DIR to
Bus
tPHZ
Output Disable
2.0
9.0
2.0
11.0
2.0
6.3
2.0
7.7
1.5
6.3
1.5
7.7
ns
tPLZ
Time
G, DIR to
Bus
tPLH
Propagation
2.0
9.0
2.0
10.0
2.0
6.3
2.0
7.0
1.5
5.7
1.5
6.3
ns
tPHL
Delay Clock
to Bus
tPLH
Propagation
2.0
11.0
2.0
12.0
2.0
7.7
2.0
8.4
1.5
6.2
1.5
7.0
ns
tPHL
Delay SBA or
SAB to Bus
tSU
Set-up Time
4.0
—
4.5
—
2.0
—
2.0
—
2.0
—
2.0
—
ns
HIGH or LOW
Bus to Clock
tH
Hold Time
2.0
—
2.0
—
1.5
—
1.5
—
1.5
—
1.5
—
ns
HIGH or LOW
Bus to Clock
tW
Clock Pulse
6.0
—
6.0
—
5.0
—
5.0
—
5.0
—
5.0
—
ns
Width HIGH or
LOW
NOTES:
2536 tbl 07
1. See test circuit and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com